Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6221A Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT6221A
Description  Multi-Purpose Encoders
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6221A Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT6221A Datasheet HTML 1Page - Holtek Semiconductor Inc HT6221A Datasheet HTML 2Page - Holtek Semiconductor Inc HT6221A Datasheet HTML 3Page - Holtek Semiconductor Inc HT6221A Datasheet HTML 4Page - Holtek Semiconductor Inc HT6221A Datasheet HTML 5Page - Holtek Semiconductor Inc HT6221A Datasheet HTML 6Page - Holtek Semiconductor Inc HT6221A Datasheet HTML 7Page - Holtek Semiconductor Inc HT6221A Datasheet HTML 8Page - Holtek Semiconductor Inc HT6221A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
HT6220A/HT6221A/HT6221B/HT6222A
Rev. 1.10
5
June 1, 2010
The output code carrier of the DOUT pin is shown in Timing 2.
The transmission codes employ the PPM (Pulse Position Modulation) method to represent their two logic states by
²0²
(1.12ms) and
²1² (2.24ms) as shown in Timing 3.
C a r r i e r
2 6 . 3 m s
8 . 7 7 m s
3 8 k H z
Timing 2. 38kHz Carrier
· Setting the address codes (A0~A15)
The algorithm rule of the address codes (A0~A15) can
be selected by mask option.
In this case, the 16-bit on-chip MASK ROM (ROM1
and ROM2) are available, and the value of ROM1 (8
bits) and ROM2 (8 bits) are decided by one MASK
LAYER. The current value of ROM1 and ROM2 are
both
²00H². The A0~A7 are set by logical OR between
the external switch S0~S7 and the ROM1. The
A8~A15 equal some bits inverted to A0~A7, the inver-
sion are decided by Logical OR between the external
switch S8~S15 and the ROM2.
For example:
The following is an illustration of these rules in selecting
the address codes (A0~A15).
" O n e "
" Z e r o "
d a t a p e r i o d ( 1 . 1 2 m s )
d a t a p e r i o d ( 2 . 2 4 m s )
3 8 k H z c a r r i e r
3 8 k H z c a r r i e r
0 . 5 6 m s
Timing 3. Logic States
H T 6 2 2 0 A
A I N
S 8
S 3
S 2
S 1
S 0
S 9
S 1 0
S 1 1
C 1
C 2
C 3
C 4
( S w i t c h O p e n : 0 , S w i t c h C l o s e : 1 )
1
0
0
0
0
0
0
0
C o m p l e m e n t
1 : n o n i n v e r s i o n
0 : i n v e r s i o n
S 0 ~ S 4 O R R O M 1
S 8 ~ S 1 2 O R R O M 2
1
0
1
0
0
0
0
0
1
1
0
1
1
1
1
1
E x t e r n a l S w i t c h S 0 ~ S 7 :
O n - c h i p R O M 1 , R O M 2 :
A 0 ~ A 7 :
A 8 ' ~ A 1 5 ' :
A 8 ~ A 1 5 :
b i t 0
b i t 7
b i t 0
b i t 7
S 0
S 1
S 2 S 3
S 8 S 9 S 1 0 S 1 1
F i l l w i t h z e r o a u t o m a t i c a l l y
A 0
A 1
A 2
A 3
A 4
A 5
A 6
A 7
A 0
A 1
A 2
A 3
A 4
A 5
A 6
A 7
1
0
0
0
0
0
0
0
1
0
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1 N 4 1 4 8 ´ 5
S 4
S 1 2
C 5
2 0 0 k W ´ 5
S 4
S 1 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com