Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6221A Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT6221A
Description  Multi-Purpose Encoders
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6221A Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT6221A Datasheet HTML 1Page - Holtek Semiconductor Inc HT6221A Datasheet HTML 2Page - Holtek Semiconductor Inc HT6221A Datasheet HTML 3Page - Holtek Semiconductor Inc HT6221A Datasheet HTML 4Page - Holtek Semiconductor Inc HT6221A Datasheet HTML 5Page - Holtek Semiconductor Inc HT6221A Datasheet HTML 6Page - Holtek Semiconductor Inc HT6221A Datasheet HTML 7Page - Holtek Semiconductor Inc HT6221A Datasheet HTML 8Page - Holtek Semiconductor Inc HT6221A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
HT6220A/HT6221A/HT6221B/HT6222A
Rev. 1.10
4
June 1, 2010
Functional Description
Keyboard Scan
The devices remain in the halt mode during the standby
state (at this time, the oscillator stops, and the standby
current<1
mA). The HT6220A consists of 30 active keys,
HT6221A has 32 active keys, HT6221B has 48 active
keys, and the HT6222A has 64 active keys. The key-
board forms of the devices are shown below.
· The HT6220A keyboard form
· The HT6221A keyboard form
· The HT6221B keyboard form
· The HT6222A keyboard form
When one of the keys (30, 32, 48 or 64 keys) is triggered
for over 36ms, the oscillator is enabled and the chip is acti-
vated. If the key is pressed and held for 108ms or less, the
108ms transmission codes are enabled and comprised of
a header code (9ms), an off code (4.5ms), low byte ad-
dress codes (9ms~18ms), high byte address codes
(9ms~18ms), 8-bit data codes (9ms~18ms), and the in-
verse codes of the 8-bit data codes (18ms~9ms). After the
pressed key is held for 108ms, if the key is still held down,
the transmission codes turn out to be a composition of
header (9ms) and off codes (2.24ms) only.
To avoid mistakes made by keyboard scanning or simul-
taneous two-key inputs (except for the three double-key
active functions (K21+K22, K21+K23, and K21+K24),
the devices are facilitated with 36ms starting time.
The HT6221A/HT6221B/HT6222A also provide three
double-key active functions (K21+K22, K21+K23, and
K21+K24) for tape deck recording operations. The dou-
ble-key operation rules are shown in timing 4 and timing
6.
Transmission Codes
The transmission codes of the devices consist of a 9ms
header code, a 4.5ms off code, 16-bit address codes
(18ms~36ms), 9ms~18ms 8-bit data codes, and the in-
verse code of the 8-bit data codes. The following is an il-
lustration of the transmission codes.
C 1
R 1
R 2
R 3
R 4
R 5
R 6
R 7
R 8
K 1
K 2
K 3
K 4
K 3 3
K 3 4
K 3 5
K 3 6
K 5
K 6
K 7
K 8
K 3 7
K 3 8
K 3 9
K 4 0
K 9
K 1 0
K 1 1
K 1 2
K 4 1
K 4 2
K 4 3
K 4 4
K 1 3
K 1 4
K 1 5
K 1 6
K 4 5
K 4 6
K 4 7
K 4 8
K 1 7
K 1 8
K 1 9
K 2 0
K 4 9
K 5 0
K 5 1
K 5 2
K 2 1
K 2 2
K 2 3
K 2 4
K 5 3
K 5 4
K 5 5
K 5 6
K 2 9
K 3 0
K 3 1
K 3 2
K 6 1
K 6 2
K 6 3
K 6 4
K 2 5
K 2 6
K 2 7
K 2 8
K 5 7
K 5 8
K 5 9
K 6 0
C 2
C 3
C 4
C 5
C 6
C 7
C 8
C 1
C 2
C 3
C 4
R 1
R 2
R 3
R 4
C 5
C 6
C 7
C 8
K 1
K 2
K 3
K 4
K 5
K 6
K 7
K 8
K 9
K 1 0
K 1 1
K 1 2
K 1 3
K 1 4
K 1 5
K 1 6
K 1 7
K 1 8
K 1 9
K 2 0
K 2 1
K 2 2
K 2 3
K 2 4
K 2 5
K 2 6
K 2 7
K 2 8
K 2 9
K 3 0
K 3 1
K 3 2
D O U T
I R C
K e y - i n
( K 1 ~ K 6 4 )
3 6 m s m i n .
9 m s
4 5 m s ~ 6 3 m s
1 0 8 m s
1 0 8 m s
( A 0 ~ A 1 5 + D 0 ~ D 7 + D 0 ~ D 7 )
3 8 k H z ,
3 3 % d u t y c a r r i e r
9 m s
2 . 2 4 m s
2 . 2 4 m s
9 m s
K e y E n a b l e s
F o s c = 4 5 5 k H z
4 . 5 m s
0 . 5 6 m s
0 . 5 6 m s
Timing 1. Output Format for the DOUT
C 1
C 2
C 3
C 4
R 1
R 2
R 3
R 4
R 5
R 6
K 1
K 2
K 3
K 4
K 3 3
K 3 4
K 5
K 6
K 7
K 8
K 3 7
K 3 8
K 9
K 1 0
K 1 1
K 1 2
K 4 1
K 4 2
K 1 3
K 1 4
K 1 5
K 1 6
K 4 5
K 4 6
C 5
K 1 7
K 1 8
K 1 9
K 2 0
K 4 9
K 5 0
C 1
C 2
C 3
C 4
R 1
R 2
R 3
R 4
R 5
R 6
C 5
C 6
C 7
C 8
K 1
K 2
K 3
K 4
K 3 3
K 3 4
K 5
K 6
K 7
K 8
K 3 7
K 3 8
K 9
K 1 0
K 1 1
K 1 2
K 4 1
K 4 2
K 1 3
K 1 4
K 1 5
K 1 6
K 4 5
K 4 6
K 1 7
K 1 8
K 1 9
K 2 0
K 4 9
K 5 0
K 2 1
K 2 2
K 2 3
K 2 4
K 5 3
K 5 4
K 2 5
K 2 6
K 2 7
K 2 8
K 5 7
K 5 8
K 2 9
K 3 0
K 3 1
K 3 2
K 6 1
K 6 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com