Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7938 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT7938
Description  High Current and Performance White LED Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7938 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT7938 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7938 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7938 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7938 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7938 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7938 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7938 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7938 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7938 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Pin Assignment
Pin Description
Pin Name
I/O
Description
EN
I
Shutdown & Dimming control input. Don
¢t allow this pin to float.
GND
¾
Signal Ground.
FB
I
Feedback pin. Reference voltage. The HT7938 feedback voltage is 200mV. Connect the
sense resistor from FB to GND to set the LED current. Calculate resistor value according to
R
mV
I
FB
LED
=
200
.
SW
I
Switching pin. Internal power MOSFET drain. Connected to inductor and diode.
VIN
I
Input supply pin. The input supply pin for the IC. Connect VIN to a supply voltage between
2.6V~5.5V.
OVP
O
Over voltage protection pin which is connected to the output.
Absolute Maximum Ratings
Input Voltage...........................................................6.0V
SW Voltage..............................................................46V
FB Voltage ..............................................................6.0V
EN ..........................................................................6.0V
OVP Voltage ............................................................46V
Operating Temperature Range .............
-40°Cto+85°C
Storage Temperature Range ..............
-55°C to +150°C
Maximum Junction Temperature........................+150
°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
HT7938
Rev 1.10
2
March 19, 2010
S W
G N D
T o p V i e w
V I N
E N
F B
1
2
3
4
6
5
O V P
H T 7 9 3 8
S O T 2 3 - 6 - A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com