Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT7938 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT7938
Description  High Current and Performance White LED Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7938 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT7938 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7938 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7938 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7938 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7938 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7938 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7938 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7938 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7938 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Electrical Characteristics
VIN=3.6V, L=10
mH, CIN=1mF, CO=1mF, ILED=20mA, Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN
Input Voltage
¾
2.6
¾
5.5
V
ULVO
Under Voltage Lockout
¾¾
2.4
2.5
V
IIN
Supply Current
Switching, VFB=GND
¾
1.0
2.5
mA
VEN=0V
¾
0.1
1.0
mA
Not switching, VFB=0.25V
¾
200
300
mA
Error Amplifier
VFB
Feedback Voltage
¾
190
200
210
mV
Power Switch
fOSC
Switching Frequency
Measurement at SW pin
0.8
1.2
1.6
MHz
DC
Maximum Duty Cycle
92
95
¾
%
RDS(ON)
SW On Resistance
¾¾
0.7
¾W
ISW(OFF)
Switch Leakage Current
¾¾
0.1
1.0
mA
EN Pin
VIH
EN Voltage High
VIN=2.6V~5.5V
2.0
¾¾
V
VIL
EN Voltage Low
VIN=2.6V~5.5V
¾¾
0.8
V
OVP and OCP
VOVP
OVP Threshold
No load
36
39
42
V
IOCP
N-channel MOSFET Current Limit
¾¾
650
¾
mA
Thermal Shutdown
TSHUT
Thermal Shutdown Threshold
¾¾
150
¾°C
Thermal Shutdown Hysteresis
¾¾
15
¾°C
HT7938
Rev 1.10
3
March 19, 2010



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com