Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB9260 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB9260
Description  USB 3.0 TO SATA BRIDGE Data Manual
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB9260 Datasheet(HTML) 5 Page - Texas Instruments

  TUSB9260 Datasheet HTML 1Page - Texas Instruments TUSB9260 Datasheet HTML 2Page - Texas Instruments TUSB9260 Datasheet HTML 3Page - Texas Instruments TUSB9260 Datasheet HTML 4Page - Texas Instruments TUSB9260 Datasheet HTML 5Page - Texas Instruments TUSB9260 Datasheet HTML 6Page - Texas Instruments TUSB9260 Datasheet HTML 7Page - Texas Instruments TUSB9260 Datasheet HTML 8Page - Texas Instruments TUSB9260 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TUSB9260
www.ti.com
SLLS962 – DECEMBER 2009
USB 3.0 TO SATA BRIDGE
Check for Samples: TUSB9260
1
Introduction
1.1
TUSB9260 Features
1
• Universal Serial Bus Support
– SuperSpeed USB 3.0 Compatible
•
Integrated SuperSpeed USB 3.0 Tranceiver
•
Integrated USB 2.0 High-Speed Tranceiver
•
Integrated SuperSpeed USB 3.0 Controller
•
Integrated USB 2.0 High-Speed Controller
– USB Class Support
•
USB Attached SCSI Protocol (UASP)
•
USB Mass Storage Class Bulk-Only Transport (BOT)
•
USB Bootability Support
•
USB Human Interface Device (HID)
– Supports Firmware Update Via USB Using a TI Provided Application
• SATA Interface
– Serial ATA Specification Revision 2.6 Supports
•
gen1i, gen1m, gen2i, and gen2m
– Support for Mass-Storage Devices Compatible With the ATA/ATAPI-8 Specification
• Integrated ARM Cortex M3 Core
– Customizable Application Code Loaded From EEPROM Via SPI Interface
– One Additional SPI Port Chip Select for Peripheral Connection
– Up to 12 GPIOs for End-User Configuration
•
2 GPIOs Have PWM Functionality for LED Blink Speed Control
• General Features
– Operates From a Single Low Cost Crystal or From a Clock Oscillator That Supports
20, 25, 30, and 40 MHz
•
Integrated Spread Spectrum Clock Generation
– Available in a Fully RoHS Compliant Package
1.2
Target Applications
• External HDD
• External DVD
• External CD
• HDD-Based Portable Media Player
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCT PREVIEW information concerns products in the formative
Copyright © 2009, Texas Instruments Incorporated
or design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right
to change or discontinue these products without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com