Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB9260 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB9260
Description  USB 3.0 TO SATA BRIDGE Data Manual
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB9260 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TUSB9260 Datasheet HTML 3Page - Texas Instruments TUSB9260 Datasheet HTML 4Page - Texas Instruments TUSB9260 Datasheet HTML 5Page - Texas Instruments TUSB9260 Datasheet HTML 6Page - Texas Instruments TUSB9260 Datasheet HTML 7Page - Texas Instruments TUSB9260 Datasheet HTML 8Page - Texas Instruments TUSB9260 Datasheet HTML 9Page - Texas Instruments TUSB9260 Datasheet HTML 10Page - Texas Instruments TUSB9260 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TUSB9260
www.ti.com
SLLS962 – DECEMBER 2009
2
Overview
2.1
Description
The TUSB9260 is an ARM cortex M3 microcontroller based USB 3.0 to serial ATA bridge. It provides the
necessary hardware and firmware to implement a USB attached SCSI protocol (UASP) compliant mass
storage device suitable for bridging hard disk drives (HDD), solid state disk drives (SSD), optical drives
and other compatible SATA 1.5-Gbps or SATA 3.0-Gbps devices to a USB 3.0 bus. In addition, to UASP
support the firmware implements the mass storage class bulk-only transport, and USB human interface
device interfaces.
The TUSB9260 ROM contains boot code that executes after a global reset which performs the initial
configuration required to load a firmware image from an attached SPI flash memory to local RAM. In the
absence of an attached SPI flash memory or a valid image in the SPI flash memory, the firmware will idle
and wait for a connection from a USB host through its HID interface which is also configured from the boot
code. The latter can be accomplished using a custom application or driver to load the firmware from a file
resident on the host system.
Once the firmware is loaded it configures the SATA advanced host controller interface host bus adapter
(AHCI) and the USB device controller.
The configuration of the AHCI includes allocation of memory for the command list and the FIS receive
area, programming of the port command list (CL) and frame information structure (FIS) base address
registers and enabling the port to receive FISs, as well as configuration of interrupt sources for event
notification such as device connections.
In addition, the configuration of the AHCI includes a port reset which initiates an out of band (OOB) TX
sequence from the AHCI link layer to determine if a device is connected, and if so negotiate the
connection speed with the device (3.0 Gbps or 1.5 Gbps).
The OOB TX sequence starts by transmitting a COMRESET to the device. If no COMINIT is detected after
a timeout period, the link transmits a COMRESET again, and continues the sequence until a COMINIT is
detected. When a COMINIT is detected from a device, the link transmits a COMWAKE to the device and
waits for the device to return a COMWAKE. Following the receipt of COMWAKE, the device should begin
speed negotiation by transmitting ALIGN primitives at the highest data rate; the speed negotiation is
completed by the host decoding the ALIGN (either 3 Gbps or 1.5 Gbps depending on the device). After
speed negotiation is complete, the OOB TX sequence is complete and the link and phy are in the ready
state. Note, the only time a COMINIT is expected is after the transmission of COMRESET; the receipt of
COMINIT at any other time is an unsolicited COMINIT which transitions the link layer to the beginning of
OOB TX sequence.
Following speed negotiation, the device should transmit a device to host (D2H) FIS with the device
signature. This first D2H FIS is received by the link layer and copied to the port signature register. When
firmware is notified of the device connection it queries the device for capabilities using the IDENTIFY
DEVICE command. Firmware then configures the device as appropriate for its interface and features
supported, for example an HDD that supports native command queuing (NCQ).
The configuration of the USB device controller includes creation of the descriptors, configuration of the
device endpoints for support of UASP and USB mass storage class bulk-only transport (BOT), allocation
of memory for the transmit request blocks (TRBs), and creation of the TRBs necessary to transmit and
receive packet data over the USB. In addition, the firmware provides any other custom configuration
required for application specific implementation, for example a HID interface for user initiated backup.
After USB device controller configuration is complete, if a SATA device was detected during the AHCI
configuration the firmware connects the device to the USB bus when VBUS is detected. According to the
USB 3.0 specification, the TUSB9260 will initially try to connect at SuperSpeed, if successful it will enter
U0; otherwise, after the training time out it will enable the DP pull up and connect as a USB 2.0
high-speed or full-speed device depending on the speed supported by host or hub port.
Copyright © 2009, Texas Instruments Incorporated
Overview
7
Submit Documentation Feedback
Product Folder Link(s): TUSB9260



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com