Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8308CVMADDA Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPC8308CVMADDA
Description  MPC8308 PowerQUICC II Pro Processor Hardware Specification
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8308CVMADDA Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPC8308CVMADDA Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8308CVMADDA Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8308CVMADDA Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8308CVMADDA Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8308CVMADDA Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8308CVMADDA Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8308CVMADDA Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8308CVMADDA Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8308CVMADDA Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 88 page
background image
MPC8308 PowerQUICC II Pro Processor Hardware Specification, Rev. 0
4
Freescale Semiconductor
Electrical Characteristics
SerDes analog power for PLL
SDAVSS
0V
SerDes I/O digital power
XPADVSS
0V
Core supply voltage
VDD
1.0V±50mV
V
Analog supply for e300 core APLL
AVDD1
1.0V±50mV
V
Analog supply for system APLL
AVDD2
1.0V±50mV
V
DDR2 DRAM I/O voltage
GVDD
1.8 V ± 100 mV
V
Differential reference voltage for DDR controller
MVREF
GVDD/2 (0.49
× GV
DD to
0.51
× GV
DD)
V
Standard I/O voltage (Local bus, DUART, system control and power
management, eSDHC, USB, I2C, Interrupt, Ethernet management,
SPI, Miscellaneous and JTAG I/O voltage)2
NVDD
3.3 V ± 300 mV
V
eTSEC IO supply3,4
LVDD1, LVDD2
2.5 V ± 125 mV
3.3 V ± 300 mV
V
Analog and digital ground
VSS
0.0
V
Junction temperature5
TA/TJ
0 to 105
°C
Note:
1 GV
DD, NVDD, AVDD, and VDD must track each other and must vary in the same direction—either in the positive or negative
direction.
2 NV
DD here refers to NVDDA, NVDDB,NVDDG, NVDDH and NVDDP_K from the ball map.
3 The max value of supply voltage should be selected based on the RGMII mode. The lower range applies to RGMII mode.
4 LV
DD1 here refers to NVDDC and LVDD2 refers to NVDDF from the ball map.
5 Minimum temperature is specified with T
A; Maximum temperature is specified with TJ.
Table 2. Recommended Operating Conditions (continued)
Characteristic
Symbol
Recommended Value1
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com