Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8308CVMADDA Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # MPC8308CVMADDA
Description  MPC8308 PowerQUICC II Pro Processor Hardware Specification
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8308CVMADDA Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MPC8308CVMADDA Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8308CVMADDA Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8308CVMADDA Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8308CVMADDA Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC8308CVMADDA Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC8308CVMADDA Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC8308CVMADDA Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC8308CVMADDA Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC8308CVMADDA Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 88 page
background image
MPC8308 PowerQUICC II Pro Processor Hardware Specification, Rev. 0
Freescale Semiconductor
15
Ethernet: Three-Speed Ethernet, MII Management
7.2
DUART AC Electrical Specifications
Table 20 provides the AC timing parameters for the DUART interface.
8
Ethernet: Three-Speed Ethernet, MII Management
This section provides the AC and DC electrical characteristics for three-speed, 10/100/1000, and MII
management. MPC8308 supports dual Ethernet controllers.
8.1
Enhanced Three-Speed Ethernet Controller (eTSEC)
(10/100/1000 Mbps)—MII/RGMII Electrical Characteristics
The electrical characteristics specified here apply to all the media independent interface (MII) and reduced
gigabit media independent interface (RGMII), signals except management data input/output (MDIO) and
management data clock (MDC). The RGMII interface is defined for 2.5 V, while the MII interface can be
operated at 3.3 V. The RGMII interface follows the Hewlett-Packard reduced pin-count interface for
Gigabit Ethernet Physical Layer Device Specification Version 1.2a (9/22/2000). The electrical
characteristics for MDIO and MDC are specified in Section 8.3, “Ethernet Management Interface
Electrical Characteristics.”
Low-level output voltage, IOL = 100 μAVOL
—0.2
V
Input current (0 V
≤V
IN ≤ NVDD)IIN
—± 5
μA
Table 20. DUART AC Timing Specifications
Parameter
Value
Unit
Notes
Minimum baud rate
256
baud
—
Maximum baud rate
> 1,000,000
baud
1
Oversample rate
16
—
2
Notes:
1. Actual attainable baud rate is limited by the latency of interrupt processing.
2. The middle of a start bit is detected as the 8th sampled 0 after the 1-to-0 transition of the start bit.
Subsequent bit values are sampled each 16th sample.
Table 19. DUART DC Electrical Characteristics (continued)
Parameter
Symbol
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com