Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8308CVMAFDA Datasheet(PDF) 50 Page - Freescale Semiconductor, Inc

Part # MPC8308CVMAFDA
Description  MPC8308 PowerQUICC II Pro Processor Hardware Specification
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8308CVMAFDA Datasheet(HTML) 50 Page - Freescale Semiconductor, Inc

Back Button MPC8308CVMAFDA Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8308CVMAFDA Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8308CVMAFDA Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8308CVMAFDA Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8308CVMAFDA Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8308CVMAFDA Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8308CVMAFDA Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8308CVMAFDA Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8308CVMAFDA Datasheet HTML 54Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 88 page
background image
MPC8308 PowerQUICC II Pro Processor Hardware Specification, Rev. 0
50
Freescale Semiconductor
Enhanced Secure Digital Host Controller (eSDHC)
13.2.2
Full Speed Input Path (Read)
Figure 36 provides the data and command input timing diagram.
Figure 36. Full Speed Input Path
13.3
eSDHC AC Timing Specifications
Table 40 provides the eSDHC AC timing specifications.
Table 40. eSDHC AC Timing Specifications for High Speed Mode
At recommended operating conditions NVDD = 3.3 V ± 300 mV.
Parameter
Symbol 1
Min
Max
Unit
Notes
SD_CLK clock frequency—high speed mode
fSHSCK
050
MHz
3
SD_CLK clock cycle
tSHSCK
20
—
ns
—
SD_CLK clock frequency—identification mode
fSIDCK
0400
kHz
—
SD_CLK clock low time
tSHSCKL
7—
ns
2
SD_CLK clock high time
tSHSCKH
7—
ns
2
SD_CLK clock rise and fall times
tSHSCKR/
tSHSCKF
—3
ns
2
Input setup times: SD_CMD, SD_DATx
tSHSIVKH
3—
ns
2
Input hold times: SD_CMD, SD_DATx
tSHSIXKH
2—
ns
2
Output delay time: SD_CLK to SD_CMD, SD_DATx valid
tSHSKHOV
3—
ns
2
Output Hold time: SD_CLK to SD_CMD, SD_DATx invalid
tSHSKHOX
–3
—
ns
2
SD Card Input Setup
tISU
6—
ns
3
SD Card Input Hold
tIH
2—
ns
3
tCLK_DELAY
Output from the
SD CLK at
the Card Pin
SD Card Pins
tSFSIVKH
tSFSIXKH
Driving
Edge
Sampling
Edge
tOH
tDATA_DELAY
tODLY
tSFSCK (Clock Cycle)
(MPC8308 Input Hold)
SD CLK at the
MPC8308 Pin
Input at the
MPC8308 Pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com