Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8308CVMAFDA Datasheet(PDF) 75 Page - Freescale Semiconductor, Inc

Part # MPC8308CVMAFDA
Description  MPC8308 PowerQUICC II Pro Processor Hardware Specification
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8308CVMAFDA Datasheet(HTML) 75 Page - Freescale Semiconductor, Inc

Back Button MPC8308CVMAFDA Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8308CVMAFDA Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8308CVMAFDA Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8308CVMAFDA Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8308CVMAFDA Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8308CVMAFDA Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8308CVMAFDA Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8308CVMAFDA Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8308CVMAFDA Datasheet HTML 79Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 88 page
background image
MPC8308 PowerQUICC II Pro Processor Hardware Specification, Rev. 0
Freescale Semiconductor
75
Clocking
21 Clocking
Figure 53 shows the internal distribution of clocks within the device.
1 Multiplication factor M = 1, 1.5, 2, 2.5, and 3. Value is decided by RCWLR[COREPLL].
2 Multiplication factor L = 2, 3, 4, 5 and 6. Value is decided by RCWLR[SPMF].
Figure 53. MPC8308 Clock Subsystem
The following external clock sources are utilized on the MPC8308:
•
System clock (SYS_CLK_IN)
•
Ethernet Clock (TSEC1_RX_CLK/TSEC1_TX_CLK/TSEC1_GTX_CLK125 for eTSEC)
•
SerDes PHY clock
•
eSHDC clock (SD_CLK)
For more information, see the SerDes chapter in the MPC8308 PowerQUICC II Pro Processor
Reference Manual.
All clock inputs can be supplied using an external canned oscillator, a clock generation chip, or some other
source that provides a standard CMOS square wave input.
PCI Express
e300 Core
System
PLL
e300
PLL
Clk
Gen
125/100 MHz
PLL
fb
ref
SYS_CLK_IN
PCVTR Mux
Protocol
Converter
SerDes PHY
+
-
24–66 MHz
SD_REF_CLK_B
SD_REF_CLK
MPC8308
eTSEC1
TSEC1_RX_CLK
TSEC1_TX_CLK/
TSEC1_GTX_CLK125
DDR
Clock
/2
Divider
/n
csb_clk
LBC
Clock
Divider
clk tree
MCK[0:2]
MCK[0:2]
DDR
Memory
Device
Local
Bus
Memory
Device
ddr_clk
lbc_clk
x M1
x L2
eSHDC
SD_CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com