Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC1025-E/P Datasheet(PDF) 4 Page - Microchip Technology

Part # 24LC1025-E/P
Description  1024K I2C??CMOS Serial EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC1025-E/P Datasheet(HTML) 4 Page - Microchip Technology

  24LC1025-E/P Datasheet HTML 1Page - Microchip Technology 24LC1025-E/P Datasheet HTML 2Page - Microchip Technology 24LC1025-E/P Datasheet HTML 3Page - Microchip Technology 24LC1025-E/P Datasheet HTML 4Page - Microchip Technology 24LC1025-E/P Datasheet HTML 5Page - Microchip Technology 24LC1025-E/P Datasheet HTML 6Page - Microchip Technology 24LC1025-E/P Datasheet HTML 7Page - Microchip Technology 24LC1025-E/P Datasheet HTML 8Page - Microchip Technology 24LC1025-E/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
24AA1025/24LC1025/24FC1025
DS21941G-page 4
 2010 Microchip Technology Inc.
FIGURE 1-1:
BUS TIMING DATA
16
TSP
Input filter spike suppression
(SDA and SCL pins)
—
50
ns
All except, 24FC1025 (Note 1 and Note 3)
17
TWC
Write cycle time (byte or page)
—
5
ms
3 ms, typical
18
Endurance
1 M
—
cycles Page mode, 25°C, VCC = 5.5V (Note 4)
AC CHARACTERISTICS (Continued)
Industrial (I):
VCC = +1.7V to 5.5V TA = -40°C to +85°C
Automotive (E): VCC = +2.5V to 5.5V TA = -40°C to +125°C
Param.
No.
Sym.
Characteristic
Min.
Max.
Units
Conditions
Note 1:
Not 100% tested. CB = total capacitance of one bus line in pF.
2:
As a transmitter, the device must provide an internal minimum delay time to bridge the undefined region (minimum
300 ns) of the falling edge of SCL to avoid unintended generation of Start or Stop conditions.
3:
The combined TSP and VHYS specifications are due to new Schmitt Trigger inputs which provide improved noise spike
suppression. This eliminates the need for a TI specification for standard operation.
4:
This parameter is not tested but established by characterization. For endurance estimates in a specific application,
please consult the Total Endurance™ Model which can be obtained from Microchip’s web site at www.microchip.com.
5:
Max. clock frequency is 100 kHz for E-temp devices <4.5V. 1.7-2.5V (100 kHz) timings must be used.
6:
Max. clock frequency is 400 kHz for 24FC1025, VCC < 2.5V.
(unprotected)
(protected)
SCL
SDA
IN
SDA
OUT
WP
5
7
6
16
3
2
89
13
D4
4
10
11
12
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com