Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC1025-E/P Datasheet(PDF) 8 Page - Microchip Technology

Part # 24LC1025-E/P
Description  1024K I2C??CMOS Serial EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC1025-E/P Datasheet(HTML) 8 Page - Microchip Technology

Back Button 24LC1025-E/P Datasheet HTML 4Page - Microchip Technology 24LC1025-E/P Datasheet HTML 5Page - Microchip Technology 24LC1025-E/P Datasheet HTML 6Page - Microchip Technology 24LC1025-E/P Datasheet HTML 7Page - Microchip Technology 24LC1025-E/P Datasheet HTML 8Page - Microchip Technology 24LC1025-E/P Datasheet HTML 9Page - Microchip Technology 24LC1025-E/P Datasheet HTML 10Page - Microchip Technology 24LC1025-E/P Datasheet HTML 11Page - Microchip Technology 24LC1025-E/P Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
24AA1025/24LC1025/24FC1025
DS21941G-page 8
 2010 Microchip Technology Inc.
5.0
DEVICE ADDRESSING
A control byte is the first byte received following the
Start condition from the master device (Figure 5-1).
The control byte consists of a 4-bit control code; for the
24XX1025, this is set as ‘1010’ binary for read and
write operations. The next bit of the control byte is the
block select bit (B0). This bit acts as the A16 address
bit for accessing the entire array. The next two bits of
the control byte are the Chip Select bits (A1, A0). The
Chip Select bits allow the use of up to four 24XX1025
devices on the same bus and are used to select which
device is accessed. The Chip Select bits in the control
byte must correspond to the logic levels on the
corresponding A1 and A0 pins for the device to
respond. These bits are in effect the two Most
Significant bits (MSb) of the word address.
The last bit of the control byte defines the operation to
be performed. When set to a one, a read operation is
selected, and when set to a zero, a write operation is
selected. The next two bytes received define the
address of the first data byte (Figure 5-2). The upper
address bits are transferred first, followed by the Least
Significant bits (LSb).
Following the Start condition, the 24XX1025 monitors
the SDA bus checking the device type identifier being
transmitted. Upon receiving a ‘1010’ code and
appropriate device select bits, the slave device outputs
an Acknowledge signal on the SDA line. Depending on
the state of the R/W bit, the 24XX1025 will select a read
or write operation.
This device has an internal addressing boundary
limitation that is divided into two segments of 512K bits.
Block select bit ‘B0’ to control access to each segment.
FIGURE 5-1:
CONTROL BYTE
FORMAT
5.1
Contiguous Addressing Across
Multiple Devices
The Chip Select bits A1 and A0 can be used to expand
the contiguous address space for up to 4 Mbit by add-
ing up to four 24XX1025’s on the same bus. In this
case, software can use A0 of the control byte as
address bit A16 and A1 as address bit A17. It is not
possible to sequentially read across device boundar-
ies.
Each
device
has
internal
addressing
boundary
limitations. This divides each part into two segments of
512K bits. The block select bit ‘B0’ controls access to
each “half”.
Sequential read operations are limited to 512K blocks.
To read through four devices on the same bus, eight
random Read commands must be given.
FIGURE 5-2:
ADDRESS SEQUENCE BIT ASSIGNMENTS
10
1
0
B0
A1
A0
SACK
R/W
Control Code
Chip
Bits
Slave Address
Acknowledge Bit
Start Bit
Read/Write Bit
Select
Block
Select
Bits
1
010
B
0
A
1
A
0 R/W
A
11
A
10
A
9
A
7
A
0
A
8
••
•
•
••
A
12
Control Byte
Address High Byte
Address Low Byte
Control
Code
Chip
Select
Bits
X = “don’t care” bit
A
13
A
14
Block
Select
Bit
A
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com