Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC32A-E/P Datasheet(PDF) 14 Page - Microchip Technology

Part # 24LC32A-E/P
Description  32K I2C??Serial EEPROM
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC32A-E/P Datasheet(HTML) 14 Page - Microchip Technology

Back Button 24LC32A-E/P Datasheet HTML 10Page - Microchip Technology 24LC32A-E/P Datasheet HTML 11Page - Microchip Technology 24LC32A-E/P Datasheet HTML 12Page - Microchip Technology 24LC32A-E/P Datasheet HTML 13Page - Microchip Technology 24LC32A-E/P Datasheet HTML 14Page - Microchip Technology 24LC32A-E/P Datasheet HTML 15Page - Microchip Technology 24LC32A-E/P Datasheet HTML 16Page - Microchip Technology 24LC32A-E/P Datasheet HTML 17Page - Microchip Technology 24LC32A-E/P Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
24AA32A/24LC32A
DS21713L-page 14
 2010 Microchip Technology Inc.
Part Number
1st Line Marking Codes
TSSOP
TSSOP
X-Rotated
MSOP
DFN
TDFN
SOT-23
I Temp.
E Temp.
I Temp.
E Temp.
I Temp.
E Temp.
24AA32A
4AA
4AAX
4A32AT
261
—
A61
—
B6NN
—
24LC32A
4LA
4LAX
4L32AT
264
265
A64
A65
M6NN
N6NN
Note:
T = Temperature grade (I, E).
8-Lead 2x3 TDFN
Example:
A64
527
I3
XXX
YWW
NN
5-Lead SOT-23
Example:
XXNN
M6NN
5-Lead Chip Scale
XW
Example:
67
Legend: XX...X
Part number or part number code
T
Temperature (I, E)
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code (2 characters for small packages)
Pb-free JEDEC designator for Matte Tin (Sn)
Note:
For very small packages with no room for the Pb-free JEDEC designator
, the marking will only appear on the outer carton or reel label.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
Note:
Please visit www.microchip.com/Pbfree for the latest information on Pb-free conversion.
*Standard OTP marking consists of Microchip part number, year code, week code, and traceability code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com