Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC32A-E/P Datasheet(PDF) 2 Page - Microchip Technology

Part # 24LC32A-E/P
Description  32K I2C??Serial EEPROM
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC32A-E/P Datasheet(HTML) 2 Page - Microchip Technology

  24LC32A-E/P Datasheet HTML 1Page - Microchip Technology 24LC32A-E/P Datasheet HTML 2Page - Microchip Technology 24LC32A-E/P Datasheet HTML 3Page - Microchip Technology 24LC32A-E/P Datasheet HTML 4Page - Microchip Technology 24LC32A-E/P Datasheet HTML 5Page - Microchip Technology 24LC32A-E/P Datasheet HTML 6Page - Microchip Technology 24LC32A-E/P Datasheet HTML 7Page - Microchip Technology 24LC32A-E/P Datasheet HTML 8Page - Microchip Technology 24LC32A-E/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
24AA32A/24LC32A
DS21713L-page 2
 2010 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings (†)
VCC.............................................................................................................................................................................6.5V
All inputs and outputs w.r.t. VSS ......................................................................................................... -0.3V to VCC +1.0V
Storage temperature ...............................................................................................................................-65°C to +150°C
Ambient temperature with power applied................................................................................................-40°C to +125°C
ESD protection on all pins
 4 kV
TABLE 1-1:
DC CHARACTERISTICS
† NOTICE: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to
the device. This is a stress rating only and functional operation of the device at those or any other conditions
above those indicated in the operational listings of this specification is not implied. Exposure to maximum rating
conditions for extended periods may affect device reliability.
DC CHARACTERISTICS
Industrial (I):
TA = -40°C to +85°C, VCC = +1.7V to +5.5V
Automotive (E): TA = -40°C to +125°C, VCC = +2.5V to +5.5V
Param.
No.
Symbol
Characteristic
Min.
Typ.
Max.
Units
Conditions
D1
—
A0, A1, A2, WP, SCL
and SDA pins
—
——
—
—
D2
VIH
High-level input voltage
0.7 VCC
——
V
—
D3
VIL
Low-level input voltage
—
—
0.3 VCC
0.2 VCC
V
V
VCC
2.5V
VCC < 2.5V
D4
VHYS
Hysteresis of Schmitt
Trigger inputs (SDA,
SCL pins)
0.05 VCC
——
V
VCC
 2.5V (Note 1)
D5
VOL
Low-level output voltage
—
—
0.40
V
IOL = 3.0 mA, VCC = 4.5V
IOL = 2.1 mA, Vcc = 2.5V
D6
ILI
Input leakage current
——
±1
AVIN = VSS or VCC
D7
ILO
Output leakage current
——
±1
AVOUT = VSS or VCC
D8
CIN,
COUT
Pin capacitance
(all inputs/outputs)
——
10
pF
VCC = 5.0V (Note 1)
TA = 25°C, FCLK = 1 MHz
D9
ICC write Operating current
—0.1
3
mA
VCC = 5.5V, SCL = 400 kHz
D10
ICC read
—
0.05
400
A
D11
ICCS
Standby current
—
—
0.01
—
1
5
A
A
Industrial
Automotive
SDA = SCL = VCC = 5.5V
A0, A1, A2, WP = VSS
Note 1:
This parameter is periodically sampled and not 100% tested.
2:
Typical measurements taken at room temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com