Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR1010T-I/SS Datasheet(PDF) 24 Page - Microchip Technology

Part # AR1010T-I/SS
Description  Resistive Touch Screen Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AR1010T-I/SS Datasheet(HTML) 24 Page - Microchip Technology

Back Button AR1010T-I/SS Datasheet HTML 20Page - Microchip Technology AR1010T-I/SS Datasheet HTML 21Page - Microchip Technology AR1010T-I/SS Datasheet HTML 22Page - Microchip Technology AR1010T-I/SS Datasheet HTML 23Page - Microchip Technology AR1010T-I/SS Datasheet HTML 24Page - Microchip Technology AR1010T-I/SS Datasheet HTML 25Page - Microchip Technology AR1010T-I/SS Datasheet HTML 26Page - Microchip Technology AR1010T-I/SS Datasheet HTML 27Page - Microchip Technology AR1010T-I/SS Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
DS41393A-Page 20
© 2009 Microchip Technology, Inc.
7.15.3.1 How the Calibration Data is Encoded and Stored in EEPROM
This section is informational only. No user action is required.
The raw touch coordinates, decoded by the controller, for each of the four calibration touches are extrapolated if
CalibrationInset
was non-zero. The four coordinate pairs are then re-oriented, if required, such that the upper left
corner is the minimum (X,Y) “origin” value pair and the lower right corner is the maximum (X,Y) value pair.
The manipulated calibration values are stored in 17 address locations of the EEPROM. In the EEPROM, the
calibration data follows the storage of the controller operating parameters. The controller operating parameters
and the calibration data are each preceded by a separator value of 0x55. Coordinates are 10-bit significant
values, scaled to 16-bit and stored in a Hi and Lo byte pair.
Separator
Upper Left (Node 1)
Upper Right (Node 2)
Lower Right (Node 3)
Lower Left (Node 4)
Flip
X
Y
X
Y
X
Y
X
Y
State
Lo
Hi
Lo
Hi
Lo
Hi
Lo
Hi
Lo
Hi
Lo
Hi
Lo
Hi
Lo
Hi
Address
0x14
0x15
0x16
0x17
0x18
0x19
0x1A
0x1B
0x1C
0x1D
0x1E
0x1F
0x20
0x21
0x22
0x23
0x24
0x25
Value
0x55
Decode the above data to as follows:
1) Swap the order of stored Lo and Hi bytes for a given coordinate.
2) Convert the 16-bit value (stored Hi and Lo bytes) from hexadecimal to decimal.
3) Divide the result by 64 to properly rescale the 16-bit stored value back to a 10-bit significant coordinate.
Example of Lo = 0x40 and Hi = 0xF3:
Swap
: 0xF340
Hex to Decimal : 62272
Divide by 64
: 973
Flip State Byte:
R = Readable bit, W = Writable bit, U = Unimplemented bit read as ‘0’
U–0
U–0
U–0
U–0
U–0
R/W
R/W
R/W
–
–
–
–
–
XYFLIP
XFLIP
YFLIP
Bit 7
Bit 0
bit 7-3 Unimplemented: Read as ‘0’
bit 2
XYFLIP:
X and Y axis flip bit
1 = X and Y axis are flipped
0 = X an Y axis are not flipped
bit 1
XFLIP:
X-axis flip bit
1 = X-axis flipped
0 = X-axis not flipped
bit 0
YFLIP:
Y-axis flip bit
1 = Y-axis flipped
0 = Y-axis not flipped



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com