Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR1010T-I/SS Datasheet(PDF) 10 Page - Microchip Technology

Part # AR1010T-I/SS
Description  Resistive Touch Screen Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AR1010T-I/SS Datasheet(HTML) 10 Page - Microchip Technology

Back Button AR1010T-I/SS Datasheet HTML 6Page - Microchip Technology AR1010T-I/SS Datasheet HTML 7Page - Microchip Technology AR1010T-I/SS Datasheet HTML 8Page - Microchip Technology AR1010T-I/SS Datasheet HTML 9Page - Microchip Technology AR1010T-I/SS Datasheet HTML 10Page - Microchip Technology AR1010T-I/SS Datasheet HTML 11Page - Microchip Technology AR1010T-I/SS Datasheet HTML 12Page - Microchip Technology AR1010T-I/SS Datasheet HTML 13Page - Microchip Technology AR1010T-I/SS Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
DS41393A-Page 6
© 2009 Microchip Technology, Inc.
7.5
5-wire Touch Sensor Interface
Sensor tail pin-outs can vary by manufacturer and part number. Ensure sensor tail pins for one pair of diagonally
related sensor corners are connected to the controller’s X–/X+ pins and the tail pins for the other pair of diagonally
related corners are connected to the controller’s Y–/Y+ pins. The controller’s X–/X+ and Y–/Y+ pin pairs do not
need to connect to a specific sensor axis. The orientation of controller pins X– and X+ to the two selected
diagonal sensor corners is not important. Likewise, the orientation of controller pins Y– and Y+ to the other two
selected diagonal sensor corners is not important. The sensor tail pin connected to its topsheet must be
connected to the controller’s 5WSX– pin.
Connections to a 5-wire touch sensor are as follows.
Figure 5 : 5-wire Touch Sensor Interface
Tie unused controller pins SX-, SY-, and SY+ to VSS.
The capacitance of alternate ESD diodes may adversely affect touch performance. A lower
capacitance is better. The PESD5V0S1BA parts shown in the reference design have a typical
capacitance of 35pF. Test to ensure that selected ESD protection does not degrade touch
performance.
ESD protection is shown in the reference design, but acceptable protection is dependent on your
specific application. Ensure your ESD solution meets your design requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com