Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR1020-I/ML Datasheet(PDF) 22 Page - Microchip Technology

Part # AR1020-I/ML
Description  Resistive Touch Screen Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AR1020-I/ML Datasheet(HTML) 22 Page - Microchip Technology

Back Button AR1020-I/ML Datasheet HTML 18Page - Microchip Technology AR1020-I/ML Datasheet HTML 19Page - Microchip Technology AR1020-I/ML Datasheet HTML 20Page - Microchip Technology AR1020-I/ML Datasheet HTML 21Page - Microchip Technology AR1020-I/ML Datasheet HTML 22Page - Microchip Technology AR1020-I/ML Datasheet HTML 23Page - Microchip Technology AR1020-I/ML Datasheet HTML 24Page - Microchip Technology AR1020-I/ML Datasheet HTML 25Page - Microchip Technology AR1020-I/ML Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 37 page
background image
DS41393A-Page 18
© 2009 Microchip Technology, Inc.
7.14 Command Response
A received command will be responded to as follows.
<Header><DataSize><Response><Command><Data>…<Data>
<Header> is defined as a value of 0x55 and is used to mark the beginning of the response packet.
<DataSize> is the number of bytes being sent in the response packet, after <DataSize>.
<Response> is a returned status to the received command.
Value Description
0x00
Success
0x01
Unrecognized Command
0x03
Unrecognized Header
0x04
Command Timeout (entire command not received within 100ms)
0xFC
Calibration Cancel
<Command> is a confirmation of the command being responded to.
<Data> represent from zero to eight bytes of returned data.
7.15 Commands
Command
Value
Command Description
0x12
Enable Touch
0x13
Disable Touch
0x14
Calibrate Mode
0x20
Register Read
0x21
Register Write
0x22
Register Start Address Request
0x23
Registers Write to Eeprom
0x28
EEPROM Read
0x29
EEPROM Write
0x2B
EEPROM Write to Registers
Table 9 : Command Set Summary
7.15.1 Enable Touch - 0x12
Controller will send touch coordinate reports for valid touch conditions.
Send
: <0x55><0x01><0x12>
Receive : <0x55><0x02><Response><0x12>
7.15.2 Disable Touch - 0x13
Controller will not send any touch coordinate reports. A touch will, however, still wake up the controller if asleep.
Send
: <0x55><0x01><0x13>
Receive : <0x55><0x02><Response><0x13>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com