Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR1020-I/ML Datasheet(PDF) 6 Page - Microchip Technology

Part # AR1020-I/ML
Description  Resistive Touch Screen Controller
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AR1020-I/ML Datasheet(HTML) 6 Page - Microchip Technology

Back Button AR1020-I/ML Datasheet HTML 2Page - Microchip Technology AR1020-I/ML Datasheet HTML 3Page - Microchip Technology AR1020-I/ML Datasheet HTML 4Page - Microchip Technology AR1020-I/ML Datasheet HTML 5Page - Microchip Technology AR1020-I/ML Datasheet HTML 6Page - Microchip Technology AR1020-I/ML Datasheet HTML 7Page - Microchip Technology AR1020-I/ML Datasheet HTML 8Page - Microchip Technology AR1020-I/ML Datasheet HTML 9Page - Microchip Technology AR1020-I/ML Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
DS41393A-Page 2
© 2009 Microchip Technology, Inc.
3
APPLICATIONS
The AR1000 is suitable for any application that requires fast and reliable integration of touch in the design,
including but not limited to:
Mobile communication devices
Personal Digital Assistants (PDA)
Global Positioning Systems (GPS)
Touch Screen Monitors
KIOSK
Media Players
Portable Instruments
Point of Sale Terminals
4
ORDERING
Part Number
Communication
Type
Temp Range
Pin Package
Packing
AR1010-I/ML
UART
–40ºC to +85ºC
QFN, 20 pin
Tube
AR1010-I/SO
UART
–40ºC to +85ºC
SOIC, 20 pin
Tube
AR1010-I/SS
UART
–40ºC to +85ºC
SSOP, 20 pin
Tube
AR1010T-I/ML
UART
–40ºC to +85ºC
QFN, 20 pin
T/R
AR1010T-I/SO
UART
–40ºC to +85ºC
SOIC, 20 pin
T/R
AR1010T-I/SS
UART
–40ºC to +85ºC
SSOP, 20 pin
T/R
AR1020-I/ML
I
2C/SPI
–40ºC to +85ºC
QFN, 20 pin
Tube
AR1020-I/SO
I
2C/SPI
–40ºC to +85ºC
SOIC, 20 pin
Tube
AR1020-I/SS
I
2C/SPI
–40ºC to +85ºC
SSOP, 20 pin
Tube
AR1020T-I/ML
I
2C/SPI
–40ºC to +85ºC
QFN, 20 pin
T/R
AR1020T-I/SO
I
2C/SPI
–40ºC to +85ºC
SOIC, 20 pin
T/R
AR1020T-I/SS
I
2C/SPI
–40ºC to +85ºC
SSOP, 20 pin
T/R
Table 1: Ordering Part Numbers
5
BLOCK DIAGRAM
Figure 1: Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com