Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25LC512-E/SM Datasheet(PDF) 1 Page - Microchip Technology

Part # 25LC512-E/SM
Description  512 Kbit SPI Bus Serial EEPROM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC512-E/SM Datasheet(HTML) 1 Page - Microchip Technology

  25LC512-E/SM Datasheet HTML 1Page - Microchip Technology 25LC512-E/SM Datasheet HTML 2Page - Microchip Technology 25LC512-E/SM Datasheet HTML 3Page - Microchip Technology 25LC512-E/SM Datasheet HTML 4Page - Microchip Technology 25LC512-E/SM Datasheet HTML 5Page - Microchip Technology 25LC512-E/SM Datasheet HTML 6Page - Microchip Technology 25LC512-E/SM Datasheet HTML 7Page - Microchip Technology 25LC512-E/SM Datasheet HTML 8Page - Microchip Technology 25LC512-E/SM Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
 2010 Microchip Technology Inc.
DS22065C-page 1
25LC512
Device Selection Table
Features:
• 20 MHz max. Clock Speed
• Byte and Page-level Write Operations:
- 128-byte page
-5 ms max.
- No page or sector erase required
• Low-Power CMOS Technology:
- Max. Write Current: 5 mA at 5.5V, 20 MHz
- Read Current: 10 mA at 5.5V, 20 MHz
- Standby Current: 1
A at 2.5V (Deep power-
down)
• Electronic Signature for Device ID
• Self-Timed Erase and Write cycles:
- Page Erase (5 ms, typical)
- Sector Erase (10 ms/sector, typical)
- Bulk Erase (10 ms, typical)
• Sector Write Protection (16K byte/sector):
- Protect none, 1/4, 1/2 or all of array
• Built-In Write Protection:
- Power-on/off data protection circuitry
- Write enable latch
- Write-protect pin
• High Reliability:
- Endurance: 1 Million erase/write cycles
- Data Retention: >200 years
- ESD Protection: >4000V
• Temperature Ranges Supported:
• Pb-free and RoHS Compliant
Pin Function Table
Description:
The Microchip Technology Inc. 25LC512 is a 512 Kbit
serial EEPROM memory with byte-level and page-level
serial EEPROM functions. It also features Page, Sector
and Chip erase functions typically associated with
Flash-based products. These functions are not required
for byte or page write operations. The memory is
accessed via a simple Serial Peripheral Interface (SPI)
compatible serial bus. The bus signals required are a
clock input (SCK) plus separate data in (SI) and data out
(SO) lines. Access to the device is controlled by a Chip
Select (CS) input.
Communication to the device can be paused via the
hold pin (HOLD). While the device is paused, transi-
tions on its inputs will be ignored, with the exception of
Chip Select, allowing the host to service higher priority
interrupts.
The 25LC512 is available in standard packages includ-
ing 8-lead PDIP, SOIC, and advanced 8-lead DFN
package. All packages are Pb-free and RoHS
compliant.
Package Types (not to scale)
Part Number
VCC Range
Page Size
Temp. Ranges
Packages
25LC512
2.5-5.5V
128 Byte
I,E
P, SN, SM, MF
- Industrial (I):
-40
Cto +85C
- Automotive (E):
-40°C to +125°C
Name
Function
CS
Chip Select Input
SO
Serial Data Output
WP
Write-Protect
VSS
Ground
SI
Serial Data Input
SCK
Serial Clock Input
HOLD
Hold Input
VCC
Supply Voltage
CS
SO
WP
VSS
1
2
3
4
8
7
6
5
VCC
HOLD
SCK
SI
PDIP/SOIC/SOIJ
(P, SN, SM)
DFN
CS
SO
WP
VSS
HOLD
SCK
SI
5
6
7
8
4
3
2
1
VCC
(MF)
512 Kbit SPI Bus Serial EEPROM


Similar Part No. - 25LC512-E/SM

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25LC512-E/SN MICROCHIP-25LC512-E/SN Datasheet
620Kb / 32P
512 Kbit SPI Bus Serial EEPROM
2007
More results

Similar Description - 25LC512-E/SM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24512 STMICROELECTRONICS-M24512 Datasheet
127Kb / 24P
512 Kbit Serial I® Bus EEPROM
22-Feb-2005
logo
Microchip Technology
25AA512 MICROCHIP-25AA512 Datasheet
620Kb / 32P
512 Kbit SPI Bus Serial EEPROM
2007
25AA512 MICROCHIP-25AA512_10 Datasheet
670Kb / 36P
512 Kbit SPI Bus Serial EEPROM
2010
logo
STMicroelectronics
M95512-DR STMICROELECTRONICS-M95512-DR Datasheet
483Kb / 48P
512 Kbit serial SPI bus EEPROM with high-speed clock
14-Sep-2010
M24512-W STMICROELECTRONICS-M24512-W_12 Datasheet
401Kb / 40P
512-Kbit serial I짼C bus EEPROM
17-Sep-2012
logo
Microchip Technology
25A512 MICROCHIP-25A512 Datasheet
392Kb / 34P
512 Kbit SPI Bus Serial EEPROM
05/02/11
logo
STMicroelectronics
M95512-RMN6P STMICROELECTRONICS-M95512-RMN6P Datasheet
1Mb / 50P
512-Kbit serial SPI bus EEPROM
03-Jun-2013
M95512-125 STMICROELECTRONICS-M95512-125 Datasheet
293Kb / 38P
Automotive 512-Kbit serial SPI bus EEPROM
11-May-2012
M95512-DRE STMICROELECTRONICS-M95512-DRE Datasheet
749Kb / 41P
512-Kbit serial SPI bus EEPROM - 105 C operation
29-Jan-2015
logo
Microchip Technology
25LC512 MICROCHIP-25LC512_14 Datasheet
502Kb / 30P
512 Kbit SPI Bus Serial EEPROM
10/28/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com