Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4822 Datasheet(PDF) 43 Page - Microchip Technology

Part # MCP4822
Description  8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with Internal VREF and SPI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4822 Datasheet(HTML) 43 Page - Microchip Technology

Back Button MCP4822 Datasheet HTML 38Page - Microchip Technology MCP4822 Datasheet HTML 39Page - Microchip Technology MCP4822 Datasheet HTML 40Page - Microchip Technology MCP4822 Datasheet HTML 41Page - Microchip Technology MCP4822 Datasheet HTML 42Page - Microchip Technology MCP4822 Datasheet HTML 43Page - Microchip Technology MCP4822 Datasheet HTML 44Page - Microchip Technology MCP4822 Datasheet HTML 45Page - Microchip Technology MCP4822 Datasheet HTML 46Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 43 / 46 page
background image
 2010 Microchip Technology Inc.
DS22249A-page 43
MCP4802/4812/4822
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
Package
Temperature
Range
Device
Device:
MCP4802:
Dual 8-Bit Voltage Output DAC
MCP4802T:
Dual 8-Bit Voltage Output DAC
(Tape and Reel, MSOP and SOIC only)
MCP4812:
Dual 10-Bit Voltage Output DAC
MCP4812T:
Dual 10-Bit Voltage Output DAC
(Tape and Reel, MSOP and SOIC only)
MCP4822:
Dual 12-Bit Voltage Output DAC
MCP4822T:
Dual 12-Bit Voltage Output DAC
(Tape and Reel, MSOP and SOIC only)
Temperature
Range:
E= -40
C to +125C
(Extended)
Package:
MS
=
8-Lead Plastic Micro Small Outline (MSOP)
P
=
8-Lead Plastic Dual In-Line (PDIP)
SN
=
8-Lead Plastic Small Outline - Narrow, 150 mil
(SOIC)
Examples:
a)
MCP4802-E/MS:
Extended temperature,
MSOP package.
b)
MCP4802T-E/MS: Extended temperature,
MSOP package,
Tape and Reel.
c)
MCP4802-E/P:
Extended temperature,
PDIP package.
d)
MCP4802-E/SN:
Extended temperature,
SOIC package.
e)
MCP4802T-E/SN: Extended temperature,
SOIC package,
Tape and Reel.
a)
MCP4812-E/MS:
Extended temperature,
MSOP package.
b)
MCP4812T-E/MS: Extended temperature,
MSOP package,
Tape and Reel.
c)
MCP4812-E/P:
Extended temperature,
PDIP package.
d)
MCP4812-E/SN:
Extended temperature,
SOIC package.
e)
MCP4812T-E/SN: Extended temperature,
SOIC package,
Tape and Reel.
a)
MCP4822-E/MS:
Extended temperature,
MSOP package.
b)
MCP4822T-E/MS: Extended temperature,
MSOP package,
Tape and Reel.
c)
MCP4822-E/P:
Extended temperature,
PDIP package.
d)
MCP4822-E/SN:
Extended temperature,
SOIC package.
e)
MCP4822T-E/SN: Extended temperature,
SOIC package,
Tape and Reel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com