Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4822 Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP4822
Description  8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with Internal VREF and SPI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4822 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP4822 Datasheet HTML 2Page - Microchip Technology MCP4822 Datasheet HTML 3Page - Microchip Technology MCP4822 Datasheet HTML 4Page - Microchip Technology MCP4822 Datasheet HTML 5Page - Microchip Technology MCP4822 Datasheet HTML 6Page - Microchip Technology MCP4822 Datasheet HTML 7Page - Microchip Technology MCP4822 Datasheet HTML 8Page - Microchip Technology MCP4822 Datasheet HTML 9Page - Microchip Technology MCP4822 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
MCP4802/4812/4822
DS22249A-page 6
 2010 Microchip Technology Inc.
Output Amplifier
Output Swing
VOUT
—
0.01 to
VDD – 0.04
—
V
Accuracy is better than 1 LSb
for
VOUT = 10 mV to (VDD –
40 mV)
Phase Margin
PM
—
66
—
Degree (°) CL= 400 pF, RL = 
Slew Rate
SR
—
0.55
—
V/µs
Short Circuit Current
ISC
—17
—
mA
Settling Time
tSETTLING
—
4.5
—
µs
Within 1/2 LSb of final value
from 1/4 to 3/4 full-scale range
Dynamic Performance (Note 2)
DAC-to-DAC Crosstalk
—
<10
—
nV-s
Major Code Transition
Glitch
—
45
—
nV-s
1 LSb change around major
carry (0111...1111 to
1000...0000)
Digital Feedthrough
—
<10
—
nV-s
Analog Crosstalk
—
<10
—
nV-s
AC CHARACTERISTICS (SPI TIMING SPECIFICATIONS)
Electrical Specifications: Unless otherwise indicated, VDD= 2.7V – 5.5V, TA= -40 to +125°C.
Typical values are at +25°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Schmitt Trigger High-Level
Input Voltage
(All digital input pins)
VIH
0.7 VDD
——
V
Schmitt Trigger Low-Level
Input Voltage
(All digital input pins)
VIL
——
0.2 VDD
V
Hysteresis of Schmitt Trigger
Inputs
VHYS
—0.05 VDD
—V
Input Leakage Current
ILEAKAGE
-1
—
1
ALDAC = CS = SDI = SCK =
VDD or VSS
Digital Pin Capacitance
(All inputs/outputs)
CIN,
COUT
—10
—
pF
VDD = 5.0V, TA = +25°C,
fCLK = 1 MHz (Note 1)
Clock Frequency
FCLK
——
20
MHz TA = +25°C (Note 1)
Clock High Time
tHI
15
—
—
ns
Note 1
Clock Low Time
tLO
15
—
—
ns
Note 1
CS Fall to First Rising CLK
Edge
tCSSR
40
—
—
ns
Applies only when CS falls with
CLK high. (Note 1)
Data Input Setup Time
tSU
15
—
—
ns
Note 1
Data Input Hold Time
tHD
10
—
—
ns
Note 1
SCK Rise to CS Rise Hold
Time
tCHS
15
—
—
ns
Note 1
Note 1:
This parameter is ensured by design and not 100% tested.
ELECTRICAL CHARACTERISTIC WITH EXTENDED TEMPERATURE (CONTINUED)
Electrical Specifications: Unless otherwise indicated, VDD = 5V, VSS = 0V, VREF = 2.048V, Output Buffer Gain (G) = 2x,
RL = 5 k to GND, CL = 100 pF. Typical values are at +125°C by characterization or simulation.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1:
Guaranteed monotonic by design over all codes.
2:
This parameter is ensured by design, and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com