Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP73113 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP73113
Description  Single-Cell Li-Ion / Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73113 Datasheet(HTML) 5 Page - Microchip Technology

  MCP73113 Datasheet HTML 1Page - Microchip Technology MCP73113 Datasheet HTML 2Page - Microchip Technology MCP73113 Datasheet HTML 3Page - Microchip Technology MCP73113 Datasheet HTML 4Page - Microchip Technology MCP73113 Datasheet HTML 5Page - Microchip Technology MCP73113 Datasheet HTML 6Page - Microchip Technology MCP73113 Datasheet HTML 7Page - Microchip Technology MCP73113 Datasheet HTML 8Page - Microchip Technology MCP73113 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
© 2010 Microchip Technology Inc.
DS22183C-page 5
MCP73113/4
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings†
VDD ................................................................................18.0V
VPROG ..............................................................................6.0V
All Inputs and Outputs w.r.t. VSS ............... -0.3 to (VDD+0.3)V
Maximum Junction Temperature, TJ ............ Internally Limited
Storage temperature .....................................-65°C to +150°C
ESD protection on all pins
Human Body Model (1.5 k
Ω in Series with 100 pF).......≥ 4kV
Machine Model (200 pF, No Series Resistance) .............300V
† Notice: Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational listings of this specification is not implied.
Exposure to maximum rating conditions for extended periods
may affect device reliability.
DC CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, all limits apply for V
DD= [VREG(Typical) + 0.3V] to 6V,
TA = -40°C to +85°C. Typical values are at +25°C, VDD = [VREG (Typical) + 1.0V]
Parameters
Sym
Min
Typ
Max
Units
Conditions
Supply Input
Input Voltage Range
VDD
4—
16
V
Operating Supply Voltage
VDD
4.2
—
6.5
V
Supply Current
ISS
—
4
5.5
µA
Shutdown (VDD < VBAT - 150 mV)
—
700
1500
µA
Charging
—
30
100
µA
Standby (PROG Floating)
—
50
150
µA
Charge Complete; No Battery;
VDD < VSTOP
Battery Discharge Current
Output Reverse Leakage
Current
IDISCHARGE
—
0.5
2
µA
Standby (PROG Floating)
—
0.5
2
µA
Shutdown (VDD < VBAT,
or VDD < VSTOP)
6
17
µA
Charge Complete; VDD is present
Undervoltage Lockout
UVLO Start Threshold
VSTART
4.10
4.15
4.25
V
UVLO Stop Threshold
VSTOP
4.00
4.05
4.15
V
UVLO Hysteresis
VHYS
—
100
—
mV
Overvoltage Protection
OVP Start Threshold
VOVP
6.4
6.5
6.6
V
MCP73113
5.8
5.9
6.0
V
MCP73114
OVP Hysteresis
VOVPHYS
—
150
—
mV
Voltage Regulation (Constant Voltage Mode)
Regulated Output Voltage
Options
VREG
4.079
4.10
4.121
V
TA = -5°C to 55°C
4.179
4.20
4.221
V
VDD = [VREG(Typical)+1V]
4.328
4.35
4.372
V
IOUT = 50 mA
4.378
4.40
4.422
V
Output Voltage Tolerance
VRTOL
-0.5
—
0.5
%
Line Regulation
|(ΔV
BAT/VBAT)
/
ΔV
DD|
—
0.05
0.20
%/V
VDD = [VREG(Typical)+1V] to 6V
IOUT = 50 mA
Load Regulation
|ΔV
BAT/VBAT|
—
0.05
0.20
%
IOUT = 50 mA - 150 mA
VDD = [VREG(Typical)+1V]
Supply Ripple Attenuation
PSRR
—
-46
—
dB
IOUT = 20 mA, 10 Hz to 1 kHz
—-30
—
dB
IOUT = 20 mA, 10 Hz to 10 kHz
Note 1:
Not production tested. Ensured by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com