Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP73113 Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP73113
Description  Single-Cell Li-Ion / Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73113 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP73113 Datasheet HTML 6Page - Microchip Technology MCP73113 Datasheet HTML 7Page - Microchip Technology MCP73113 Datasheet HTML 8Page - Microchip Technology MCP73113 Datasheet HTML 9Page - Microchip Technology MCP73113 Datasheet HTML 10Page - Microchip Technology MCP73113 Datasheet HTML 11Page - Microchip Technology MCP73113 Datasheet HTML 12Page - Microchip Technology MCP73113 Datasheet HTML 13Page - Microchip Technology MCP73113 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
MCP73113/4
DS22183C-page 10
© 2010 Microchip Technology Inc.
TYPICAL PERFORMANCE CURVES (CONTINUED)
Note: Unless otherwise indicated, V
DD = [VREG(Typical) + 1V], IOUT = 10 mA and TA= +25°C, Constant-voltage mode.
FIGURE 2-7:
Charge Current (IOUT) vs.
Programming Resistor (RPROG).
FIGURE 2-8:
Charge Current (IOUT) vs.
Programming Resistor (RPROG).
FIGURE 2-9:
Charge Current (IOUT) vs.
Programming Resistor (RPROG).
FIGURE 2-10:
Charge Current (IOUT) vs.
Programming Resistor (RPROG).
FIGURE 2-11:
Charge Current (IOUT) vs.
Ambient Temperature (TA).
FIGURE 2-12:
Output Leakage Current
(IDISCHARGE) vs. Ambient Temperature (TA).
475
495
515
535
555
575
595
615
635
655
675
4.5
4.8
5.1
5.4
5.7
6.0
Supply Voltage (V)
RPROG = 2 kΩ
TA = +25°C
150
170
190
210
230
250
270
290
310
330
350
4.5
4.8
5.1
5.4
5.7
6.0
Supply Voltage (V)
RPROG = 5 kΩ
TA = +25°C
90
96
102
108
114
120
126
132
138
144
150
4.5
4.8
5.1
5.4
5.7
6.0
Supply Voltage (V)
RPROG = 10 kΩ
TA = +25°C
50
53
56
59
62
65
68
71
74
77
80
4.54.8
5.15.4
5.7
6.0
Supply Voltage (V)
RPROG = 20 kΩ
TA = +25°C
750
770
790
810
830
850
870
890
910
930
950
-5
5
152535
4555
Ambient Temperature (°C)
RPROG = 1.33 kΩ
VDD = 5.2V
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
-5.0
5.0
15.0
25.0
35.0
45.0
55.0
Ambient Temperature (°C)
VDD < VBAT
VDD < VSTOP
End of Charge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com