Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP73114 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP73114
Description  Single-Cell Li-Ion / Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73114 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP73114 Datasheet HTML 17Page - Microchip Technology MCP73114 Datasheet HTML 18Page - Microchip Technology MCP73114 Datasheet HTML 19Page - Microchip Technology MCP73114 Datasheet HTML 20Page - Microchip Technology MCP73114 Datasheet HTML 21Page - Microchip Technology MCP73114 Datasheet HTML 22Page - Microchip Technology MCP73114 Datasheet HTML 23Page - Microchip Technology MCP73114 Datasheet HTML 24Page - Microchip Technology MCP73114 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
© 2010 Microchip Technology Inc.
DS22183C-page 21
MCP73113/4
6.0
APPLICATIONS
The MCP73113/4 devices are designed to operate in
conjunction
with
a
host
microcontroller
or
in
standalone applications. The MCP73113/4 provides
the preferred charge algorithm for Lithium-Ion and
Lithium-Polymer cells Constant-current followed by
Constant-voltage.
Figure 6-1
depicts
a
typical
standalone
application
circuit,
while
Figure 6-2
depicts the accompanying charge profile.
FIGURE 6-1:
Typical Application Circuit.
FIGURE 6-2:
Typical Charge Profile
(875 mAh Battery).
6.1
Application Circuit Design
Due to the low efficiency of linear charging, the most
important factors are thermal design and cost, which
are a direct function of the input voltage, output current
and thermal impedance between the battery charger
and the ambient cooling air. The worst-case situation is
when
the
device
has
transitioned
from
the
Preconditioning mode to the Constant-current mode. In
this situation, the battery charger has to dissipate the
maximum power. A trade-off must be made between
the charge current, cost and thermal requirements of
the charger.
6.1.1
COMPONENT SELECTION
Selection of the external components in Figure 6-1 is
crucial to the integrity and reliability of the charging
system. The following discussion is intended as a guide
for the component selection process.
6.1.1.1
Charge Current
The preferred fast charge current for Li-Ion / Li-Poly
cells is below the 1C rate, with an absolute maximum
current at the 2C rate.
The recommended fast charge
current
should
be
obtained
from
battery
manufacturer. For example, a 500 mAh battery pack
with 0.7C preferred fast charge current has a charge
current of 350 mA. Charging at this rate provides the
shortest charge cycle times without degradation to the
battery pack performance or life.
+
–
STAT
VDD
NC
PROG
VBAT
1-Cell
5
6
7
1
2
Ac-dc Adapter
NC
VDD
VSS
VSS
8
9
10
4
3
RLED
CIN
COUT
VBAT
RPROG
Li-Ion
Battery
MCP73113/4 Typical Application
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
15
304560
7590
105 120
Time (Minutes)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
RPROG = 2 kΩ
875 mAh Battery
Note:
Please consult with your battery supplier
or refer to battery data sheet for preferred
charge rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com