Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP73114 Datasheet(PDF) 22 Page - Microchip Technology

Part # MCP73114
Description  Single-Cell Li-Ion / Li-Polymer Battery Charge Management Controller with Input Overvoltage Protection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73114 Datasheet(HTML) 22 Page - Microchip Technology

Back Button MCP73114 Datasheet HTML 18Page - Microchip Technology MCP73114 Datasheet HTML 19Page - Microchip Technology MCP73114 Datasheet HTML 20Page - Microchip Technology MCP73114 Datasheet HTML 21Page - Microchip Technology MCP73114 Datasheet HTML 22Page - Microchip Technology MCP73114 Datasheet HTML 23Page - Microchip Technology MCP73114 Datasheet HTML 24Page - Microchip Technology MCP73114 Datasheet HTML 25Page - Microchip Technology MCP73114 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
MCP73113/4
DS22183C-page 22
© 2010 Microchip Technology Inc.
6.1.1.2
Thermal Considerations
The worst-case power dissipation in the battery
charger occurs when the input voltage is at the
maximum and the device has transitioned from the
Preconditioning mode to the Constant-current mode. In
this case, the power dissipation is:
Power dissipation with a 5V, ±10% input voltage
source, 500 mA ±10% and preconditioning threshold
voltage at 2.7V is:
EQUATION 6-1:
This power dissipation with the battery charger in the
DFN-10 package will result approximately 63
°C above
room temperature.
6.1.1.3
External Capacitors
The MCP73113/4 are stable with or without a battery
load. In order to maintain good AC stability in the
Constant-voltage mode, a minimum capacitance of
1 µF is recommended to bypass the VBAT pin to VSS.
This capacitance provides compensation when there is
no
battery
load.
In
addition,
the
battery
and
interconnections appear inductive at high frequencies.
These elements are in the control feedback loop during
Constant-voltage
mode.
Therefore,
the
bypass
capacitance may be necessary to compensate for the
inductive nature of the battery pack.
A minimum of 16V rated 1 µF, is recommended to apply
for output capacitor and a minimum of 25V rated 1 µF,
is recommended to apply for input capacitor for typical
applications.
TABLE 6-1:
MLCC CAPACITOR EXAMPLE
Virtually any good quality output filter capacitor can be
used,
independent
of
the
capacitor’s
minimum
Effective Series Resistance (ESR) value. The actual
value of the capacitor (and its associated ESR)
depends on the output load current. A 1 µF ceramic,
tantalum or aluminum electrolytic capacitor at the
output is usually sufficient to ensure stability.
6.1.1.4
Reverse-Blocking Protection
The MCP73113/4 provide protection from a faulted or
shorted input. Without the protection, a faulted or
shorted input would discharge the battery pack through
the body diode of the internal pass transistor.
PowerDissipation
V
DDMAX
V
PTHMIN
–
() I
REGMAX
×
=
Where:
VDDMAX = the maximum input voltage
IREGMAX = the maximum fast charge current
VPTHMIN = the minimum transition threshold
voltage
PowerDissipation
5.5V
2.7V
–
() 550mA
×
1.54W
==
MLCC
Capacitors
Temperature
Range
Tolerance
X7R
-55
°C to +125°C
±15%
X5R
-55
°C to +85°C
±15%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com