Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4802-E/SN Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP4802-E/SN
Description  8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with Internal VREF and SPI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4802-E/SN Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP4802-E/SN Datasheet HTML 9Page - Microchip Technology MCP4802-E/SN Datasheet HTML 10Page - Microchip Technology MCP4802-E/SN Datasheet HTML 11Page - Microchip Technology MCP4802-E/SN Datasheet HTML 12Page - Microchip Technology MCP4802-E/SN Datasheet HTML 13Page - Microchip Technology MCP4802-E/SN Datasheet HTML 14Page - Microchip Technology MCP4802-E/SN Datasheet HTML 15Page - Microchip Technology MCP4802-E/SN Datasheet HTML 16Page - Microchip Technology MCP4802-E/SN Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
 2010 Microchip Technology Inc.
DS22249A-page 13
MCP4802/4812/4822
Note: Unless otherwise indicated, TA = +25°C, VDD = 5V, VSS = 0V, VREF = 2.048V, Gain = 2x, RL = 5 k, CL = 100 pF.
FIGURE 2-23:
Input Hysteresis vs.
Temperature and VDD.
FIGURE 2-24:
VOUT High Limit
vs.Temperature and VDD.
FIGURE 2-25:
VOUT Low Limit vs.
Temperature and VDD.
FIGURE 2-26:
IOUT High Short vs.
Temperature and VDD.
FIGURE 2-27:
IOUT vs. VOUT. Gain = 2x.
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
-40
-20
0
2040
6080
100 120
Ambient Temperature (ºC)
VDD
5.5V
4.0V
5.0V
3.0V
2.7V
0.015
0.017
0.019
0.021
0.023
0.025
0.027
0.029
0.031
0.033
0.035
-40
-20
0
2040
6080
100 120
Ambient Temperature (ºC)
VDD
4.0V
3.0V
2.7V
0.0010
0.0012
0.0014
0.0016
0.0018
0.0020
0.0022
0.0024
0.0026
0.0028
-40 -20
0
2040
6080 100 120
Ambient Temperature (ºC)
VDD
5.5V
4.0V
5.0V
3.0V
2.7V
10
11
12
13
14
15
16
-40
-20
0
20
40
60
80
100 120
Ambient Temperature (ºC)
VDD
5.5V
4.0V
5.0V
3.0V
2.7V
0.0
1.0
2.0
3.0
4.0
5.0
6.0
024
68
10
12
14
16
IOUT (mA)
VREF = 4.096V
Output Shorted to VSS
Output Shorted to VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com