Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4802-E/SN Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP4802-E/SN
Description  8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with Internal VREF and SPI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4802-E/SN Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP4802-E/SN Datasheet HTML 14Page - Microchip Technology MCP4802-E/SN Datasheet HTML 15Page - Microchip Technology MCP4802-E/SN Datasheet HTML 16Page - Microchip Technology MCP4802-E/SN Datasheet HTML 17Page - Microchip Technology MCP4802-E/SN Datasheet HTML 18Page - Microchip Technology MCP4802-E/SN Datasheet HTML 19Page - Microchip Technology MCP4802-E/SN Datasheet HTML 20Page - Microchip Technology MCP4802-E/SN Datasheet HTML 21Page - Microchip Technology MCP4802-E/SN Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
MCP4802/4812/4822
DS22249A-page 18
 2010 Microchip Technology Inc.
4.0.2
DNL ACCURACY
A Differential Non-Linearity (DNL) error is the measure
of variations in code widths from the ideal code width.
A DNL error of zero indicates that every code is exactly
1 LSb wide.
FIGURE 4-2:
Example for DNL Error.
4.0.3
OFFSET ERROR
An offset error is the deviation from zero voltage output
when the digital input code is zero.
4.0.4
GAIN ERROR
A gain error is the deviation from the ideal output,
VREF – 1 LSb, excluding the effects of offset error.
4.1
Circuit Descriptions
4.1.1
OUTPUT AMPLIFIERS
The DAC’s outputs are buffered with a low-power,
precision CMOS amplifier. This amplifier provides low
offset voltage and low noise. The output stage enables
the device to operate with output voltages close to the
power supply rails. Refer to Section 1.0 “Electrical
Characteristics” for the analog output voltage range
and load conditions.
In addition to resistive load-driving capability, the
amplifier will also drive high capacitive loads without
oscillation. The amplifier’s strong outputs allow VOUT to
be used as a programmable voltage reference in a
system.
4.1.1.1
Programmable Gain Block
The rail-to-rail output amplifier has two configurable
gain options: a gain of 1x (<GA> = 1) or a gain of 2x
(<GA> = 0). The default value for this bit is a gain
of 2 (<GA> = 0). This results in an ideal full-scale
output of 0.000V to 4.096V due to the internal
reference (VREF = 2.048V).
4.1.2
VOLTAGE REFERENCE
The MCP4802/4812/4822 devices utilize internal
2.048V voltage reference. The voltage reference has a
low
temperature
coefficient
and
low
noise
characteristics. Refer to Section 1.0 “Electrical Char-
acteristics” for the voltage reference specifications.
111
110
101
100
011
010
001
000
Digital
Input
Code
Actual
Transfer
Function
Ideal Transfer
Function
Narrow Code, <1 LSb
DAC Output
Wide Code, >1 LSb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com