Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4902T-E/SL Datasheet(PDF) 34 Page - Microchip Technology

Part # MCP4902T-E/SL
Description  8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with SPI Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4902T-E/SL Datasheet(HTML) 34 Page - Microchip Technology

Back Button MCP4902T-E/SL Datasheet HTML 30Page - Microchip Technology MCP4902T-E/SL Datasheet HTML 31Page - Microchip Technology MCP4902T-E/SL Datasheet HTML 32Page - Microchip Technology MCP4902T-E/SL Datasheet HTML 33Page - Microchip Technology MCP4902T-E/SL Datasheet HTML 34Page - Microchip Technology MCP4902T-E/SL Datasheet HTML 35Page - Microchip Technology MCP4902T-E/SL Datasheet HTML 36Page - Microchip Technology MCP4902T-E/SL Datasheet HTML 37Page - Microchip Technology MCP4902T-E/SL Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
MCP4902/4912/4922
DS22250A-page 34
 2010 Microchip Technology Inc.
6.9
Using Multiplier Mode
The MCP4902/4912/4922 family of devices use exter-
nal reference, and these devices are ideally suited for
use as a multiplier/divider in a signal chain. The
common applications are: (a) Precision programmable
gain/attenuator amplifiers and (b) Motor control
feedback loop. The wide input range (0V – VDD) is in
Unbuffered mode and near rail-to-rail range in Buffered
mode: its bandwidth (> 400 kHz), selectable 1x/2x gain
and low power consumption give maximum flexibility to
meet the application’s needs.
To configure the MCP4902/4912/4922 family of
devices for multiple applications, connect the input sig-
nal to VREF and serially configure the DAC’s input buf-
fer, gain and output value. The DAC’s output can utilize
any of Examples 6-1 to 6-6, depending on the applica-
tion requirements. Example 6-7 is an illustration of how
the DAC can operate in a motor control feedback loop.
If the gain selection bit is configured for 1x mode
(<GA>= 1), the resulting input signal will be attenuated
by D/2n. With the 12-bit DAC (MCP4921 or MCP4922),
if the gain is configured for 2x mode (<GA>= 0), the
codes less than 2048 attenuate the signal, while the
codes greater than 2048 gain the signal.
A DAC provides significantly more gain/attenuation
resolution when compared to typical Programmable
Gain Amplifiers. Adding an op amp to buffer the output,
as illustrated in Examples 6-2 to 6-6, extends the
output range and power to meet the precise needs of
the application.
EXAMPLE 6-7:
MULTIPLIER MODE USING VREF INPUT
VCC+
VCC-
VREF
DAC
VRPM
+
–
VDD
SPI
3
VOUT
Rsense
VRPM_SET
Z
FB
MCP4901
MCP4911
MCP4921
(a) Single Output DAC:
(b) Dual Output DAC:
MCP4902
MCP4912
MCP4922
VOUT
VREF G
Dn
2
N
------

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com