Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4902T-E/SL Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP4902T-E/SL
Description  8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with SPI Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4902T-E/SL Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP4902T-E/SL Datasheet HTML 13Page - Microchip Technology MCP4902T-E/SL Datasheet HTML 14Page - Microchip Technology MCP4902T-E/SL Datasheet HTML 15Page - Microchip Technology MCP4902T-E/SL Datasheet HTML 16Page - Microchip Technology MCP4902T-E/SL Datasheet HTML 17Page - Microchip Technology MCP4902T-E/SL Datasheet HTML 18Page - Microchip Technology MCP4902T-E/SL Datasheet HTML 19Page - Microchip Technology MCP4902T-E/SL Datasheet HTML 20Page - Microchip Technology MCP4902T-E/SL Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
 2010 Microchip Technology Inc.
DS22250A-page 17
MCP4902/4912/4922
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Supply Voltage Pins (VDD, VSS)
VDD is the positive supply voltage input pin. The input
supply voltage is relative to VSS and can range from
2.7V to 5.5V. The power supply at the VDD pin should
be as clean as possible for a good DAC performance.
It is recommended to use an appropriate bypass
capacitor of about 0.1 µF (ceramic) to ground. An
additional 10 µF capacitor (tantalum) in parallel is also
recommended to further attenuate high frequency
noise present in application boards.
VSS is the analog ground pin and the current return path
of the device. The user must connect the VSS pin to a
ground plane through a low-impedance connection. If
an analog ground path is available in the application
Printed Circuit Board (PCB), it is highly recommended
that the VSS pin be tied to the analog ground path or
isolated within an analog ground plane of the circuit
board.
3.2
Chip Select (CS)
CS is the Chip Select input, which requires an active
low signal to enable serial clock and data functions.
3.3
Serial Clock Input (SCK)
SCK is the SPI compatible serial clock input pin.
3.4
Serial Data Input (SDI)
SDI is the SPI compatible serial data input pin.
3.5
Latch DAC Input (LDAC)
LDAC (latch DAC synchronization input) pin is used to
transfer the input latch registers to their corresponding
DAC registers (output latches, VOUT). When this pin is
low, both VOUTA and VOUTB are updated at the same
time with their input register contents. This pin can be
tied to low (VSS) if the VOUT update is desired at the
rising edge of the CS pin. This pin can be driven by an
external control device such as an MCU I/O pin.
3.6
Hardware Shutdown Input (SHDN)
SHDN is the hardware shutdown input pin. When this
pin is low, both DAC channels are shut down. DAC
output is not available during the shutdown.
3.7
Analog Outputs (VOUTA, VOUTB)
VOUTA is the DAC A output pin, and VOUTB is the DAC
B output pin. Each output has its own output amplifier.
The DAC output amplifier of each channel can drive the
output pin with a range of VSS to VDD.
3.8
Voltage Reference Inputs
(VREFA, VREFB)
VREFA is the voltage reference input for DAC channel
A, and VREFB is the reference input for DAC channel B.
The reference on these pins is utilized to set the
reference voltage on the string DAC. The input signal
can range from VSS to VDD. These pins can be tied to
VDD.
Pin No.
Symbol
Function
1VDD
Supply Voltage Input (2.7V to 5.5V)
2
NC
No Connection
3CS
Chip Select Input
4
SCK
Serial Clock Input
5
SDI
Serial Data Input
6
NC
No Connection
7
NC
No Connection
8LDAC
Synchronization Input. This pin is used to transfer DAC settings (Input Registers)
to the output registers (VOUT)
9SHDN
Hardware Shutdown Input
10
VOUTB
DACB Output
11
VREFB
DACB Reference Voltage Input (VSS to VDD)
12
VSS
Ground reference point for all circuitry on the device
13
VREFA
DACA Reference Voltage Input (VSS to VDD)
14
VOUTA
DACA Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com