Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F1822-I/MF Datasheet(PDF) 307 Page - Microchip Technology

Part # PIC12F1822-I/MF
Description  8/14-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F1822-I/MF Datasheet(HTML) 307 Page - Microchip Technology

Back Button PIC12F1822-I/MF Datasheet HTML 303Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 304Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 305Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 306Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 307Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 308Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 309Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 310Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 311Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 307 / 398 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41413A-page 307
PIC12F/LF1822/16F/LF1823
26.0 CAPACITIVE SENSING
MODULE
The capacitive sensing module allows for an interaction
with an end user without a mechanical interface. In a
typical application, the capacitive sensing module is
attached to a pad on a Printed Circuit Board (PCB),
which is electrically isolated from the end user. When the
end user places their finger over the PCB pad, a
capacitive load is added, causing a frequency shift in the
capacitive sensing module. The capacitive sensing
module requires software and at least one timer
resource to determine the change in frequency. Key
features of this module include:
• Analog MUX for monitoring multiple inputs
• Capacitive sensing oscillator
• Multiple Power modes
• High power range with variable voltage references
• Multiple timer resources
• Software control
• Operation during Sleep
FIGURE 26-1:
CAPACITIVE SENSING BLOCK DIAGRAM
Note 1:
Reference CPSCON1 register (Register 26-2) for channels implemented on each device.
2:
If CPSON = 0, disabling capacitive sensing, no channel is selected.
TMR0CS
CPS0
CPS1
CPS2
CPS3
CPS4(1)
CPS5(1)
CPS6(1)
CPSCH<3:0>
Capacitive
Sensing
Oscillator
CPSOSC
CPSON
CPSRNG<1:0>
TMR0
0
1
Set
TMR0IF
Overflow
T0XCS
0
1
T0CKI
CPSOUT
CPS7(1)
CPSCLK
FOSC/4
Timer0 Module
CPSON(2)
T1CS<1:0>
T1OSC/
T1CKI
TMR1H:TMR1L
EN
T1GSEL<1:0>
Timer1 Gate
Control Logic
T1G
FOSC
FOSC/4
Timer1 Module
SYNCC1OUT
SYNCC2OUT
0
1
Int.
Ref.
FVR
DAC
Ref+
Ref-
CPSRM
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com