Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F1822-I/MF Datasheet(PDF) 311 Page - Microchip Technology

Part # PIC12F1822-I/MF
Description  8/14-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F1822-I/MF Datasheet(HTML) 311 Page - Microchip Technology

Back Button PIC12F1822-I/MF Datasheet HTML 307Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 308Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 309Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 310Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 311Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 312Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 313Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 314Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 315Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 311 / 398 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41413A-page 311
PIC12F/LF1822/16F/LF1823
26.5
Timer Resources
To measure the change in frequency of the capacitive
sensing oscillator, a fixed time base is required. For the
period of the fixed time base, the capacitive sensing
oscillator is used to clock either Timer0 or Timer1. The
frequency of the capacitive sensing oscillator is equal
to the number of counts in the timer, divided by the
period of the fixed time base.
26.6
Fixed Time Base
To measure the frequency of the capacitive sensing
oscillator, a fixed time base is required. Any timer
resource or software loop can be used to establish the
fixed time base. It is up to the end user to determine the
method in which the fixed time base is generated.
26.6.1
TIMER0
To select Timer0 as the timer resource for the capacitive
sensing module:
• Set the T0XCS bit of the CPSCON0 register.
• Clear the TMR0CS bit of the OPTION register.
When Timer0 is chosen as the timer resource, the
capacitive sensing oscillator will be the clock source for
Timer0. Refer to Section 19.0 “Timer0 Module” for
additional information.
26.6.2
TIMER1
To select Timer1 as the timer resource for the
capacitive sensing module, set the TMR1CS<1:0> of
the T1CON register to ‘11’. When Timer1 is chosen as
the timer resource, the capacitive sensing oscillator will
be the clock source for Timer1. Because the Timer1
module has a gate control, developing a time base for
the frequency measurement can be simplified by using
the Timer0 overflow flag.
It is recommend that the Timer0 overflow flag, in con-
junction with the Toggle mode of the Timer1 Gate, be
used to develop the fixed time base required by the
software portion of the capacitive sensing module.
Refer to Section 20.12 “Timer1 Gate Control Regis-
ter” for additional information.
TABLE 26-2:
TIMER1 ENABLE FUNCTION
26.7
Software Control
The software portion of the capacitive sensing module
is required to determine the change in frequency of the
capacitive sensing oscillator. This is accomplished by
the following:
• Setting a fixed time base to acquire counts on
Timer0 or Timer1.
• Establishing the nominal frequency for the
capacitive sensing oscillator.
• Establishing the reduced frequency for the capac-
itive sensing oscillator due to an additional capac-
itive load.
• Set the frequency threshold.
26.7.1
NOMINAL FREQUENCY
(NO CAPACITIVE LOAD)
To determine the nominal frequency of the capacitive
sensing oscillator:
• Remove any extra capacitive load on the selected
CPSx pin.
• At the start of the fixed time base, clear the timer
resource.
• At the end of the fixed time base save the value in
the timer resource.
The value of the timer resource is the number of
oscillations of the capacitive sensing oscillator for the
given time base. The frequency of the capacitive
sensing oscillator is equal to the number of counts on
in the timer, divided by the period of the fixed time base.
26.7.2
REDUCED FREQUENCY
(ADDITIONAL CAPACITIVE LOAD)
The extra capacitive load will cause the frequency of the
capacitive sensing oscillator to decrease. To determine
the reduced frequency of the capacitive sensing
oscillator:
• Add a typical capacitive load on the selected
CPSx pin.
• Use the same fixed time base as the nominal
frequency measurement.
• At the start of the fixed time base, clear the timer
resource.
• At the end of the fixed time base, save the value
in the timer resource.
The value of the timer resource is the number of oscil-
lations of the capacitive sensing oscillator with an addi-
tional capacitive load. The frequency of the capacitive
sensing oscillator is equal to the number of counts on
in the timer, divided by the period of the fixed time base.
This frequency should be less than the value obtained
during the nominal frequency measurement.
Note:
The fixed time base can not be generated
by the timer resource that the capacitive
sensing oscillator is clocking.
TMR1ON
TMR1GE
Timer1 Operation
00
Off
01
Off
10
On
11
Count Enabled by input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com