Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F1822-I/MF Datasheet(PDF) 314 Page - Microchip Technology

Part # PIC12F1822-I/MF
Description  8/14-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F1822-I/MF Datasheet(HTML) 314 Page - Microchip Technology

Back Button PIC12F1822-I/MF Datasheet HTML 310Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 311Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 312Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 313Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 314Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 315Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 316Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 317Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 318Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 398 page
background image
PIC12F/LF1822/16F/LF1823
DS41413A-page 314
Preliminary
 2010 Microchip Technology Inc.
TABLE 26-3:
SUMMARY OF REGISTERS ASSOCIATED WITH CAPACITIVE SENSING
REGISTER 26-2:
CPSCON1: CAPACITIVE SENSING CONTROL REGISTER 1
U-0
U-0
U-0
U-0
R/W-0/0(1)
R/W-0/0
R/W-0/0
R/W-0/0
—
—
—
—
CPSCH<3:2>(2)
CPSCH<1:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7-4
Unimplemented: Read as ‘0’
bit 3-0
CPSCH<3:0>: Capacitive Sensing Channel Select bits
If CPSON = 0:
These bits are ignored. No channel is selected.
If CPSON = 1:
0000 = channel 0, (CPS0)
0001 = channel 1, (CPS1)
0010 = channel 2, (CPS2)
0011 = channel 3, (CPS3)
0100 = channel 4, (CPS4)(1)
0101 = channel 5, (CPS5)(1)
0110 = channel 6, (CPS6)(1)
0111 = channel 7, (CPS7)(1)
1000 = Reserved. Do not use.
•
•
•
1111 = Reserved. Do not use.
Note 1:
These channels are only implemented on the PIC16F/LF1823.
2:
PIC16F/LF1823 only.
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
ANSELA
—
—
—ANSA4
—
ANSA2
ANSA1
ANSA0
122
ANSELC(1)
—
—
—
—
ANSC3
ANSC2
ANSC1
ANSC0
126
CPSCON0
CPSON
CPSRM
—
—
CPSRNG1 CPSRNG0
CPSOUT
T0XCS
313
CPSCON1
—
—
—
—
CPSCH3(1) CPSCH2(1)
CPSCH1
CPSCH0
314
INTCON
GIE
PEIE
TMR0IE
INTE
IOCIE
TMR0IF
INTF
IOCIF
89
OPTION_REG
WPUEN
INTEDG
TMR0CS
TMR0SE
PSA
PS2
PS1
PS0
171
T1CON
TMR1CS1 TMR1CS0
T1CKPS1
T1CKPS0 T1OSCEN
T1SYNC
—TMR1ON
180
TRISA
—
—
TRISA5
TRISA4
TRISA3
TRISA2
TRISA1
TRISA0
121
TRISC(1)
—
—
TRISC5
TRISC4
TRISC3
TRISC2
TRISC1
TRISC0
125
Legend: — = Unimplemented locations, read as ‘0’. Shaded cells are not used by the capacitive sensing module.
Note 1:
PIC16F/LF1823 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com