Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F1822-I/MF Datasheet(PDF) 310 Page - Microchip Technology

Part # PIC12F1822-I/MF
Description  8/14-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F1822-I/MF Datasheet(HTML) 310 Page - Microchip Technology

Back Button PIC12F1822-I/MF Datasheet HTML 306Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 307Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 308Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 309Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 310Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 311Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 312Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 313Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 314Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 310 / 398 page
background image
PIC12F/LF1822/16F/LF1823
DS41413A-page 310
Preliminary
 2010 Microchip Technology Inc.
26.4
Power Modes
The capacitive sensing oscillator can operate in one of
seven different power modes. The power modes are
separated into two ranges; the low range and the high
range.
When the oscillator’s low range is selected, the fixed
internal voltage references of the capacitive sensing
oscillator are being used. When the oscillator’s high
range is selected, the variable voltage references
supplied by the FVR and DAC modules are being used.
Selection between the voltage references is controlled
by the CPSRM bit of the CPSCON0 register. See
Section 26.3
“Voltage
References”
for
more
information.
Within each range there are three distinct Power modes;
low, medium and high. Current consumption is dependent
upon the range and mode selected. Selecting Power
modes within each range is accomplished by configuring
the CPSRNG <1:0> bits in the CPSCON0 register. See
Table 26-1 for proper Power mode selection.
The remaining mode is a Noise Detection mode that
resides within the high range. The Noise Detection
mode is unique in that it disables the sinking and sourc-
ing of current on the analog pin but leaves the rest of
the oscillator circuitry active. This reduces the oscilla-
tion frequency on the analog pin to zero and also
greatly reduces the current consumed by the oscillator
module.
When noise is introduced onto the pin, the oscillator is
driven at the frequency determined by the noise. This
produces a detectable signal at the comparator output,
indicating the presence of activity on the pin.
Figure 26-2 shows a more detailed drawing of the
current sources and comparators associated with the
oscillator.
TABLE 26-1:
POWER MODE SELECTION
CPSRM
Range
CPSRNG<1:0>
Mode
Nominal Current(1)
0
Low
00
Off
0.0
A
01
Low
0.1
A
10
Medium
1.2
A
11
High
18
A
1
High
00
Noise Detection
0.0
A
01
Low
9
A
10
Medium
30
A
11
High
100
A
Note 1:
See Section 29.0 “Electrical Specifications” for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com