Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F1822-I/MF Datasheet(PDF) 322 Page - Microchip Technology

Part # PIC12F1822-I/MF
Description  8/14-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F1822-I/MF Datasheet(HTML) 322 Page - Microchip Technology

Back Button PIC12F1822-I/MF Datasheet HTML 318Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 319Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 320Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 321Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 322Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 323Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 324Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 325Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 326Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 322 / 398 page
background image
PIC12F/LF1822/16F/LF1823
DS41413A-page 322
Preliminary
 2010 Microchip Technology Inc.
TABLE 28-3:
PIC12F/LF1822/16F/LF1823 ENHANCED INSTRUCTION SET (CONTINUED)
Mnemonic,
Operands
Description
Cycles
14-Bit Opcode
Status
Affected
Notes
MSb
LSb
CONTROL OPERATIONS
BRA
BRW
CALL
CALLW
GOTO
RETFIE
RETLW
RETURN
k
–
k
–
k
k
k
–
Relative Branch
Relative Branch with W
Call Subroutine
Call Subroutine with W
Go to address
Return from interrupt
Return with literal in W
Return from Subroutine
2
2
2
2
2
2
2
2
11
00
10
00
10
00
11
00
001k
0000
0kkk
0000
1kkk
0000
0100
0000
kkkk
0000
kkkk
0000
kkkk
0000
kkkk
0000
kkkk
1011
kkkk
1010
kkkk
1001
kkkk
1000
INHERENT OPERATIONS
CLRWDT
NOP
OPTION
RESET
SLEEP
TRIS
–
–
–
–
–
f
Clear Watchdog Timer
No Operation
Load OPTION_REG register with W
Software device Reset
Go into Standby mode
Load TRIS register with W
1
1
1
1
1
1
00
00
00
00
00
00
0000
0000
0000
0000
0000
0000
0110
0000
0110
0000
0110
0110
0100
0000
0010
0001
0011
0fff
TO, PD
TO, PD
C-COMPILER OPTIMIZED
ADDFSR
MOVIW
MOVWI
n, k
n
k[n]
n
k[n]
Add Literal k to FSR, n = FSR0 or FSR1
Move indirect to W, n = FSR0 or FSR1, with
pre/post inc/dec modifier.
Move INDFn to W, Indexed Indirect.
Move W to indirect, n = FSR0 or FSR1, with
pre/post inc/dec modifier.
Move W to INDFn, Indexed Indirect.
1
1
1
1
1
11
00
11
00
11
0001
0000
1111
0000
1111
0nkk
0001
0nkk
0001
1nkk
kkkk
0nmm
kkkk
1nmm
kkkk
Z
Z
2
2
2
2
Note 1: If the Program Counter (PC) is modified, or a conditional test is true, the instruction requires two cycles. The second cycle
is executed as a NOP.
2:
If this instruction addresses an INDF register and the MSb of the corresponding FSR is set, this instruction will require
one additional instruction cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com