Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F1822-I/MF Datasheet(PDF) 326 Page - Microchip Technology

Part # PIC12F1822-I/MF
Description  8/14-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F1822-I/MF Datasheet(HTML) 326 Page - Microchip Technology

Back Button PIC12F1822-I/MF Datasheet HTML 322Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 323Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 324Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 325Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 326Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 327Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 328Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 329Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 330Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 326 / 398 page
background image
PIC12F/LF1822/16F/LF1823
DS41413A-page 326
Preliminary
 2010 Microchip Technology Inc.
DECFSZ
Decrement f, Skip if 0
Syntax:
[ label ] DECFSZ f,d
Operands:
0
 f  127
d
 [0,1]
Operation:
(f) - 1
 (destination);
skip if result = 0
Status Affected:
None
Description:
The contents of register ‘f’ are decre-
mented. If ‘d’ is ‘0’, the result is placed
in the W register. If ‘d’ is ‘1’, the result
is placed back in register ‘f’.
If the result is ‘1’, the next instruction is
executed. If the result is ‘0’, then a
NOP is executed instead, making it a
2-cycle instruction.
GOTO
Unconditional Branch
Syntax:
[ label ]
GOTO k
Operands:
0
 k  2047
Operation:
k
 PC<10:0>
PCLATH<4:3>
 PC<12:11>
Status Affected:
None
Description:
GOTO is an unconditional branch. The
eleven-bit immediate value is loaded
into PC bits <10:0>. The upper bits of
PC are loaded from PCLATH<4:3>.
GOTO is a two-cycle instruction.
INCF
Increment f
Syntax:
[ label ]
INCF f,d
Operands:
0
 f  127
d
 [0,1]
Operation:
(f) + 1
 (destination)
Status Affected:
Z
Description:
The contents of register ‘f’ are incre-
mented. If ‘d’ is ‘0’, the result is placed
in the W register. If ‘d’ is ‘1’, the result
is placed back in register ‘f’.
INCFSZ
Increment f, Skip if 0
Syntax:
[ label ]
INCFSZ f,d
Operands:
0
 f  127
d
 [0,1]
Operation:
(f) + 1
 (destination),
skip if result = 0
Status Affected:
None
Description:
The contents of register ‘f’ are incre-
mented. If ‘d’ is ‘0’, the result is placed
in the W register. If ‘d’ is ‘1’, the result
is placed back in register ‘f’.
If the result is ‘1’, the next instruction is
executed. If the result is ‘0’, a NOP is
executed instead, making it a 2-cycle
instruction.
IORLW
Inclusive OR literal with W
Syntax:
[ label ]
IORLW k
Operands:
0
 k  255
Operation:
(W) .OR. k
 (W)
Status Affected:
Z
Description:
The contents of the W register are
OR’ed with the eight-bit literal ‘k’. The
result is placed in the W register.
IORWF
Inclusive OR W with f
Syntax:
[ label ]
IORWF
f,d
Operands:
0
 f  127
d
 [0,1]
Operation:
(W) .OR. (f)
 (destination)
Status Affected:
Z
Description:
Inclusive OR the W register with regis-
ter ‘f’. If ‘d’ is ‘0’, the result is placed in
the W register. If ‘d’ is ‘1’, the result is
placed back in register ‘f’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com