Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F1822-I/MF Datasheet(PDF) 327 Page - Microchip Technology

Part # PIC12F1822-I/MF
Description  8/14-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F1822-I/MF Datasheet(HTML) 327 Page - Microchip Technology

Back Button PIC12F1822-I/MF Datasheet HTML 323Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 324Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 325Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 326Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 327Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 328Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 329Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 330Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 331Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 327 / 398 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41413A-page 327
PIC12F/LF1822/16F/LF1823
LSLF
Logical Left Shift
Syntax:
[ label ] LSLF
f {,d}
Operands:
0
 f  127
d
[0,1]
Operation:
(f<7>)
 C
(f<6:0>)
 dest<7:1>
0
 dest<0>
Status Affected:
C, Z
Description:
The contents of register ‘f’ are shifted
one bit to the left through the Carry flag.
A ‘0’ is shifted into the LSb. If ‘d’ is ‘0’,
the result is placed in W. If ‘d’ is ‘1’, the
result is stored back in register ‘f’.
LSRF
Logical Right Shift
Syntax:
[ label ] LSLF
f {,d}
Operands:
0
 f  127
d
[0,1]
Operation:
0
 dest<7>
(f<7:1>)
 dest<6:0>,
(f<0>)
 C,
Status Affected:
C, Z
Description:
The contents of register ‘f’ are shifted
one bit to the right through the Carry
flag. A ‘0’ is shifted into the MSb. If ‘d’ is
‘0’, the result is placed in W. If ‘d’ is ‘1’,
the result is stored back in register ‘f’.
register f
0
C
register f
C
0
MOVF
Move f
Syntax:
[ label ]
MOVF f,d
Operands:
0
 f  127
d
 [0,1]
Operation:
(f)
 (dest)
Status Affected:
Z
Description:
The contents of register f is moved to
a destination dependent upon the
status of d. If d = 0,
destination is W register. If d = 1, the
destination is file register f itself. d = 1
is useful to test a file register since
status flag Z is affected.
Words:
1
Cycles:
1
Example:
MOVF
FSR, 0
After Instruction
W = value in FSR register
Z= 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com