Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F1822-I/MF Datasheet(PDF) 323 Page - Microchip Technology

Part # PIC12F1822-I/MF
Description  8/14-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F1822-I/MF Datasheet(HTML) 323 Page - Microchip Technology

Back Button PIC12F1822-I/MF Datasheet HTML 319Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 320Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 321Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 322Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 323Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 324Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 325Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 326Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 327Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 323 / 398 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41413A-page 323
PIC12F/LF1822/16F/LF1823
28.2
Instruction Descriptions
ADDFSR
Add Literal to FSRn
Syntax:
[ label ] ADDFSR FSRn, k
Operands:
-32
 k  31
n
 [ 0, 1]
Operation:
FSR(n) + k
 FSR(n)
Status Affected:
None
Description:
The signed 6-bit literal ‘k’ is added to
the contents of the FSRnH:FSRnL
register pair.
FSRn is limited to the range
0000h-FFFFh. Moving beyond these
bounds will cause the FSR to
wrap-around.
ADDLW
Add literal and W
Syntax:
[ label ] ADDLW
k
Operands:
0
 k  255
Operation:
(W) + k
 (W)
Status Affected:
C, DC, Z
Description:
The contents of the W register are
added to the eight-bit literal ‘k’ and the
result is placed in the W register.
ADDWF
Add W and f
Syntax:
[ label ] ADDWF
f,d
Operands:
0
 f  127
d
0,1
Operation:
(W) + (f)
 (destination)
Status Affected:
C, DC, Z
Description:
Add the contents of the W register
with register ‘f’. If ‘d’ is ‘0’, the result is
stored in the W register. If ‘d’ is ‘1’, the
result is stored back in register ‘f’.
ADDWFC
ADD W and CARRY bit to f
Syntax:
[ label ] ADDWFC
f {,d}
Operands:
0
 f  127
d
[0,1]
Operation:
(W) + (f) + (C)
 dest
Status Affected:
C, DC, Z
Description:
Add W, the Carry flag and data mem-
ory location ‘f’. If ‘d’ is ‘0’, the result is
placed in W. If ‘d’ is ‘1’, the result is
placed in data memory location ‘f’.
ANDLW
AND literal with W
Syntax:
[ label ] ANDLW
k
Operands:
0
 k  255
Operation:
(W) .AND. (k)
 (W)
Status Affected:
Z
Description:
The contents of W register are
AND’ed with the eight-bit literal ‘k’.
The result is placed in the W register.
ANDWF
AND W with f
Syntax:
[ label ] ANDWF
f,d
Operands:
0
 f  127
d
0,1
Operation:
(W) .AND. (f)
 (destination)
Status Affected:
Z
Description:
AND the W register with register ‘f’. If
‘d’ is ‘0’, the result is stored in the W
register. If ‘d’ is ‘1’, the result is stored
back in register ‘f’.
ASRF
Arithmetic Right Shift
Syntax:
[ label ] ASRF
f {,d}
Operands:
0
 f  127
d
[0,1]
Operation:
(f<7>)
 dest<7>
(f<7:1>)
 dest<6:0>,
(f<0>)
 C,
Status Affected:
C, Z
Description:
The contents of register ‘f’ are shifted
one bit to the right through the Carry
flag. The MSb remains unchanged. If
‘d’ is ‘0’, the result is placed in W. If ‘d’
is ‘1’, the result is stored back in reg-
ister ‘f’.
register f
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com