Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F1822-I/MF Datasheet(PDF) 329 Page - Microchip Technology

Part # PIC12F1822-I/MF
Description  8/14-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  398 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F1822-I/MF Datasheet(HTML) 329 Page - Microchip Technology

Back Button PIC12F1822-I/MF Datasheet HTML 325Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 326Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 327Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 328Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 329Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 330Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 331Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 332Page - Microchip Technology PIC12F1822-I/MF Datasheet HTML 333Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 329 / 398 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41413A-page 329
PIC12F/LF1822/16F/LF1823
MOVWI
Move W to INDFn
Syntax:
[ label ] MOVWI ++FSRn
[ label ] MOVWI --FSRn
[ label ] MOVWI FSRn++
[ label ] MOVWI FSRn--
[ label ] MOVWI k[FSRn]
Operands:
n
 [0,1].
-32
 k  31
If not present, k = 0.
Operation:
W
 INDFn
Effective address is determined by
• FSR + 1 (preincrement)
• FSR - 1 (predecrement)
• FSR + k (relative offset)
After the Move, the FSR value will be
either:
• FSR + 1 (all increments)
• FSR - 1 (all decrements)
Unchanged
Status Affected:
None
Mode
Syntax
Preincrement
++FSRn
Predecrement
--FSRn
Postincrement
FSRn++
Postdecrement
FSRn--
Description:
This instruction is used to move data
between W and one of the indirect
registers (INDFn). Before/after this
move, the pointer (FSRn) is updated by
pre/post incrementing/decrementing it.
Note: The INDFn registers are not
physical registers. Any instruction that
accesses an INDFn register actually
accesses the register at the address
specified by the FSRn.
FSRn is limited to the range
0000h-FFFFh.
Incrementing/decrementing it beyond
these bounds will cause it to
wrap-around.
The increment/decrement operation on
FSRn WILL NOT affect any Status bits.
NOP
No Operation
Syntax:
[ label ]
NOP
Operands:
None
Operation:
No operation
Status Affected:
None
Description:
No operation.
Words:
1
Cycles:
1
Example:
NOP
OPTION
Load OPTION_REG Register
with W
Syntax:
[ label ] OPTION
Operands:
None
Operation:
(W)
 OPTION_REG
Status Affected:
None
Description:
Move data from W register to
OPTION_REG register.
RESET
Software Reset
Syntax:
[ label ] RESET
Operands:
None
Operation:
Execute a device Reset. Resets the
nRI flag of the PCON register.
Status Affected:
None
Description:
This instruction provides a way to
execute a hardware Reset by soft-
ware.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com