Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F526-E/P Datasheet(PDF) 75 Page - Microchip Technology

Part # PIC16F526-E/P
Description  14-Pin, 8-Bit Flash Microcontroller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F526-E/P Datasheet(HTML) 75 Page - Microchip Technology

Back Button PIC16F526-E/P Datasheet HTML 71Page - Microchip Technology PIC16F526-E/P Datasheet HTML 72Page - Microchip Technology PIC16F526-E/P Datasheet HTML 73Page - Microchip Technology PIC16F526-E/P Datasheet HTML 74Page - Microchip Technology PIC16F526-E/P Datasheet HTML 75Page - Microchip Technology PIC16F526-E/P Datasheet HTML 76Page - Microchip Technology PIC16F526-E/P Datasheet HTML 77Page - Microchip Technology PIC16F526-E/P Datasheet HTML 78Page - Microchip Technology PIC16F526-E/P Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 122 page
background image
 2010 Microchip Technology Inc.
DS41326D-page 75
PIC16F526
DECF
Decrement f
Syntax:
[ label ] DECF f,d
Operands:
0
 f  31
d
 [0,1]
Operation:
(f) – 1
 (dest)
Status Affected: Z
Description:
Decrement register ‘f’. If ‘d’ is ‘0’,
the result is stored in the W
register. If ‘d’ is ‘1’, the result is
stored back in register ‘f’.
DECFSZ
Decrement f, Skip if 0
Syntax:
[ label ] DECFSZ f,d
Operands:
0
 f  31
d
 [0,1]
Operation:
(f) – 1
 d; skip if result = 0
Status Affected: None
Description:
The contents of register ‘f’ are
decremented. If ‘d’ is ‘0’, the result
is placed in the W register. If ‘d’ is
‘1’, the result is placed back in
register ‘f’.
If the result is ‘0’, the next instruc-
tion, which is already fetched, is
discarded and a NOP is executed
instead making it a two-cycle
instruction.
GOTO
Unconditional Branch
Syntax:
[ label ]
GOTO k
Operands:
0
 k  511
Operation:
k
 PC<8:0>;
STATUS<6:5>
 PC<10:9>
Status Affected: None
Description:
GOTO is an unconditional branch.
The 9-bit immediate value is
loaded into PC bits <8:0>. The
upper bits of PC are loaded from
STATUS<6:5>. GOTO is a two-
cycle instruction.
INCF
Increment f
Syntax:
[ label ] INCF f,d
Operands:
0
 f  31
d
 [0,1]
Operation:
(f) + 1
 (dest)
Status Affected: Z
Description:
The contents of register ‘f’ are
incremented. If ‘d’ is ‘0’, the result
is placed in the W register. If ‘d’ is
‘1’, the result is placed back in
register ‘f’.
INCFSZ
Increment f, Skip if 0
Syntax:
[ label ] INCFSZ f,d
Operands:
0
 f  31
d
 [0,1]
Operation:
(f) + 1
 (dest), skip if result = 0
Status Affected: None
Description:
The contents of register ‘f’ are
incremented. If ‘d’ is ‘0’, the result
is placed in the W register. If ‘d’ is
‘1’, the result is placed back in
register ‘f’.
If the result is ‘0’, then the next
instruction, which is already
fetched, is discarded and a NOP is
executed instead making it a
two-cycle instruction.
IORLW
Inclusive OR literal with W
Syntax:
[ label ] IORLW k
Operands:
0
 k  255
Operation:
(W) .OR. (k)
 (W)
Status Affected: Z
Description:
The contents of the W register are
OR’ed with the eight-bit literal ‘k’.
The result is placed in the
W register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com