Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F526-E/P Datasheet(PDF) 88 Page - Microchip Technology

Part # PIC16F526-E/P
Description  14-Pin, 8-Bit Flash Microcontroller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F526-E/P Datasheet(HTML) 88 Page - Microchip Technology

Back Button PIC16F526-E/P Datasheet HTML 84Page - Microchip Technology PIC16F526-E/P Datasheet HTML 85Page - Microchip Technology PIC16F526-E/P Datasheet HTML 86Page - Microchip Technology PIC16F526-E/P Datasheet HTML 87Page - Microchip Technology PIC16F526-E/P Datasheet HTML 88Page - Microchip Technology PIC16F526-E/P Datasheet HTML 89Page - Microchip Technology PIC16F526-E/P Datasheet HTML 90Page - Microchip Technology PIC16F526-E/P Datasheet HTML 91Page - Microchip Technology PIC16F526-E/P Datasheet HTML 92Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 122 page
background image
PIC16F526
DS41326D-page 88
 2010 Microchip Technology Inc.
TABLE 14-2:
COMPARATOR SPECIFICATIONS.
TABLE 14-3:
COMPARATOR VOLTAGE REFERENCE (VREF) SPECIFICATIONS
Comparator Specifications
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C to 125°C
Characteristics
Sym.
Min.
Typ.
Max.
Units
Comments
Internal Voltage Reference
VIVRF
0.50
0.60
0.70
V
Input offset voltage
VOS
—
 5.0
 10
mV
Input common mode voltage*
VCM
0—
VDD – 1.5
V
CMRR*
CMRR
55
—
—
db
Response Time(1)*
TRT
—
150
400
ns
Comparator Mode Change to
Output Valid*
TMC2COV
——
10
s
*
These parameters are characterized but not tested.
Note 1: Response time measured with one comparator input at (VDD – 1.5)/2 while the other input transitions from
VSS to VDD – 1.5V.
Sym.
Characteristics
Min.
Typ.
Max.
Units
Comments
CVRES
Resolution
—
—
VDD/24*
VDD/32
—
—
LSb
LSb
Low Range (VRR = 1)
High Range (VRR = 0)
Absolute Accuracy(2)
—
—
—
—
±1/2*
±1/2*
LSb
LSb
Low Range (VRR = 1)
High Range (VRR = 0)
Unit Resistor Value (R)
—
—
2K*
—
Settling Time(1)
——
10*
s
* These parameters are characterized but not tested.
Note 1:
Settling time measured while VRR = 1 and VR<3:0> transitions from 0000 to 1111.
2:
Do not use reference externally when VDD < 2.7V. Under this condition, reference should only be used
with comparator Voltage Common mode observed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com