Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F707 Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC16F707
Description  40/44-Pin, Flash Microcontrollers with nanoWatt XLP and mTouch??Technology
PDF  284 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F707 Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC16F707 Datasheet HTML 17Page - Microchip Technology PIC16F707 Datasheet HTML 18Page - Microchip Technology PIC16F707 Datasheet HTML 19Page - Microchip Technology PIC16F707 Datasheet HTML 20Page - Microchip Technology PIC16F707 Datasheet HTML 21Page - Microchip Technology PIC16F707 Datasheet HTML 22Page - Microchip Technology PIC16F707 Datasheet HTML 23Page - Microchip Technology PIC16F707 Datasheet HTML 24Page - Microchip Technology PIC16F707 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 284 page
background image
 2010 Microchip Technology Inc.
Preliminary
DS41418A-page 21
PIC16F707/PIC16LF707
Bank 2
100h(2)
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
xxxx xxxx
xxxx xxxx
101h
TMR0
Timer0 Module Register
0000 0000
0000 0000
102h(2)
PCL
Program Counter’s (PC) Least Significant Byte
0000 0000
0000 0000
103h(2)
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
000q quuu
104h(2)
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
uuuu uuuu
105h
TACON
TMRAON
—
TACS
TASE
TAPSA
TAPS2
TAPS1
TAPS0
0-00 0000
0-00 0000
106h
CPSBCON0
CPSBON
CPSBRM
—
—
CPSBRNG1 CPSBRNG0 CPSBOUT
TBXCS
00-- 0000
00-- 0000
107h
CPSBCON1
—
—
—
—
CPSBCH3
CPSBCH2
CPSBCH1 CPSBCH0
---- 0000
---- 0000
108h
CPSACON0
CPSAON
CPSARM
—
—
CPSARNG1 CPSARNG0 CPSAOUT
TAXCS
0--- 0000
0--- 0000
109h
CPSACON1
—
—
—
—
CPSACH3
CPSACH2
CPSACH1 CPSACH0
---- 0000
---- 0000
10Ah(1),(2) PCLATH
—
—
—
Write Buffer for the upper 5 bits of the Program Counter
---0 0000
---0 0000
10Bh(2)
INTCON
GIE
PEIE
TMR0IE
INTE
RBIE
TMR0IF
INTF
RBIF
0000 000x
0000 000u
10Ch
PMDATL
Program Memory Read Data Register Low Byte
xxxx xxxx
uuuu uuuu
10Dh
PMADRL
Program Memory Read Address Register Low Byte
xxxx xxxx
uuuu uuuu
10Eh
PMDATH
—
—
Program Memory Read Data Register High Byte
--xx xxxx
--uu uuuu
10Fh
PMADRH
—
—
—
Program Memory Read Address Register High Byte
---x xxxx
---u uuuu
110h
TMRA
TimerA Module Register
0000 0000
0000 0000
111h
TBCON
TMRBON
—
TBCS
TBSE
TBPSA
TBPS2
TBPS1
TBPS0
0-00 0000
0-00 0000
112h
TMRB
TimerB Module Register
0000 0000
0000 0000
113h
DACCON0
DACEN
DACLPS
DACOE
—
DACPSS1
DACPSS0
—
—
000- 00--
000- 00--
114h
DACCON1
—
—
—
DACR4
DACR3
DACR2
DACR1
DACR0
---0 0000
---0 0000
TABLE 2-2:
SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on all
other
resets
Legend:
x = unknown, u = unchanged, q = value depends on condition, - = unimplemented, read as ‘0’, r = reserved.
Shaded locations are unimplemented, read as ‘0’.
Note 1:
The upper byte of the program counter is not directly accessible. PCLATH is a holding register for the PC<12:8>, whose contents are transferred to the
upper byte of the program counter.
2:
These registers can be addressed from any bank.
3:
Accessible only when SSPM<3:0> = 1001.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com