Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPCF8B01 Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TPCF8B01
Description  Notebook PC Applications Portable Equipment Applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCF8B01 Datasheet(HTML) 7 Page - Toshiba Semiconductor

  TPCF8B01 Datasheet HTML 1Page - Toshiba Semiconductor TPCF8B01 Datasheet HTML 2Page - Toshiba Semiconductor TPCF8B01 Datasheet HTML 3Page - Toshiba Semiconductor TPCF8B01 Datasheet HTML 4Page - Toshiba Semiconductor TPCF8B01 Datasheet HTML 5Page - Toshiba Semiconductor TPCF8B01 Datasheet HTML 6Page - Toshiba Semiconductor TPCF8B01 Datasheet HTML 7Page - Toshiba Semiconductor TPCF8B01 Datasheet HTML 8Page - Toshiba Semiconductor TPCF8B01 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TPCF8B01
2009-09-29
7
SBD
1
1 m
10 m
100
1
10
100
1000
10
100
100
Device mounted on a glass-epoxy board(a)(Note 2a)
(1)Single-device operation(Note 3a)
(2)Single-device value at dual operation(Note 3b)
Device mounted on a glass-epoxy board(b)(Note 2b)
(3)Single-device operation(Note 3a)
(4)Single-device value at dual operation(Note 3b)
(4)
(1)
(2)
(3)
iF – vF
Instantaneous forward voltage vF (V)
PF (AV) – IF (AV)
Average forward current IF (AV) (A)
Ta max – IF (AV)
Average forward current IF (AV) (A)
Device mounted on a glass-epoxy board(a) (Note 2a)
rth– tw
Pulse width tw (s)
Surge forward current (non-repetitive)
Number of cycles
Cj – VR
(typ.)
Reverse voltage VR (V)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
180
°
DC
120
°
α=60°
Rectangular
waveform
0° α
360°
Conduction angle: α
0
1
2
3
4
5
6
7
8
9
10
1
10
100
Ta=25℃
f=50Hz
0.01
0.1
1
10
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
125℃
75℃
25℃
Tj=150℃
10
100
1000
1
10
100
f=1MHz
Ta=25℃
0
20
40
60
80
100
120
140
160
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
180
°
DC
α=60
°
120
°
Rectangular waveform
Single-device operation (Note 3a)
0° α
360°
Conduction angle:α
V R =15V
I
IF(AV)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com