Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPCF8B01 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TPCF8B01
Description  Notebook PC Applications Portable Equipment Applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPCF8B01 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TPCF8B01 Datasheet HTML 1Page - Toshiba Semiconductor TPCF8B01 Datasheet HTML 2Page - Toshiba Semiconductor TPCF8B01 Datasheet HTML 3Page - Toshiba Semiconductor TPCF8B01 Datasheet HTML 4Page - Toshiba Semiconductor TPCF8B01 Datasheet HTML 5Page - Toshiba Semiconductor TPCF8B01 Datasheet HTML 6Page - Toshiba Semiconductor TPCF8B01 Datasheet HTML 7Page - Toshiba Semiconductor TPCF8B01 Datasheet HTML 8Page - Toshiba Semiconductor TPCF8B01 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TPCF8B01
2009-09-29
2
Thermal Characteristics for MOSFET and SBD
Characteristics
Symbol
Max
Unit
Single-device operation
(Note 3a)
Rth (ch-a) (1)
92.6
Thermal resistance,
channel to ambient
(t
= 5 s)
(Note 2a) Single-device value at
dual operation (Note 3b)
Rth (ch-a) (2)
111.6
°C/W
Single-device operation
(Note 3a)
Rth (ch-a) (1)
235.8
Thermal resistance,
channel to ambient
(t
= 5 s)
(Note 2b) Single-device value at
dual operation (Note 3b)
Rth (ch-a) (2)
378.8
°C/W
This transistor is an electrostatic sensitive device. Please handle with caution.
Schottky barrier diodes are having large-reverse-current-leakage characteristic compare to the other rectifier
products. This current leakage and improper operating temperature or voltage may cause thermal runaway.
Please take forward and reverse loss into consideration when you design.
Marking (Note 7)
Note 1: Please use devices on condition that the channel temperature is below 150°C.
Note 2: (a) Device mounted on a glass-epoxy board (a)
(b) Device mounted on a glass-epoxy board (b)
Note 3: a) The power dissipation and thermal resistance values are shown for a single device
(During single-device operation, power is only applied to one device.).
b) he power dissipation and thermal resistance values are shown for a single device
(During dual operation, power is evenly applied to both devices.).
Note 4: VDD =-16 V, Tch = 25°C (initial), L = 0.5 mH, RG = 25 Ω, IAR = -1.35 A
Note 5: Repetitive rating; Pulse width limited by maximum channel temperature.
Note 6: Rectangular waveform (α =180
o), VR =15V.
Note 7: Black round marking “●” locates on the left lower side of parts number marking “F8A” indicates terminal
No. 1.
Note 8
A dot marking identifies the indication of product Labels.
Without a dot: [[Pb]]/INCLUDES > MCV
With a dot: [[G]]/RoHS COMPATIBLE or [[G]]/RoHS [[Pb]]
Please contact your TOSHIBA sales representative for details as to environmental matters such as the RoHS
compatibility of Product. The RoHS is the Directive 2002/95/EC of the European Parliament and of the Council of 27
January 2003 on the restriction of the use of certain hazardous substances in electrical and electronic equipment.
Part No.
(or abbreviation code)
F8A
Note 8
Lot code (month)
Lot No. (weekly code)
Pin #1
Lot code
(year)
Product-specific code
FR-4
25.4
× 25.4 × 0.8
(unit: mm)
(b)
FR-4
25.4
× 25.4 × 0.8
(unit: mm)
(a)
25.4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com