Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24F16KA101-I/SP Datasheet(PDF) 61 Page - Microchip Technology

Part # PIC24F16KA101-I/SP
Description  20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA101-I/SP Datasheet(HTML) 61 Page - Microchip Technology

Back Button PIC24F16KA101-I/SP Datasheet HTML 57Page - Microchip Technology PIC24F16KA101-I/SP Datasheet HTML 58Page - Microchip Technology PIC24F16KA101-I/SP Datasheet HTML 59Page - Microchip Technology PIC24F16KA101-I/SP Datasheet HTML 60Page - Microchip Technology PIC24F16KA101-I/SP Datasheet HTML 61Page - Microchip Technology PIC24F16KA101-I/SP Datasheet HTML 62Page - Microchip Technology PIC24F16KA101-I/SP Datasheet HTML 63Page - Microchip Technology PIC24F16KA101-I/SP Datasheet HTML 64Page - Microchip Technology PIC24F16KA101-I/SP Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 254 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS39927B-page 59
PIC24F16KA102 FAMILY
TABLE 7-1:
RESET FLAG BIT OPERATION
7.1
Clock Source Selection at Reset
If clock switching is enabled, the system clock source at
device Reset is chosen as shown in Table 7-2. If clock
switching is disabled, the system clock source is always
selected according to the oscillator Configuration bits.
Refer to Section 8.0 “Oscillator Configuration” for
further details.
TABLE 7-2:
OSCILLATOR SELECTION vs.
TYPE OF RESET (CLOCK
SWITCHING ENABLED)
bit 1
BOR:
Brown-out Reset Flag bit
1
= A Brown-out Reset has occurred (the BOR is also set after a POR)
0
= A Brown-out Reset has not occurred
bit 0
POR:
Power-on Reset Flag bit
1
= A Power-up Reset has occurred
0
= A Power-up Reset has not occurred
Flag Bit
Setting Event
Clearing Event
TRAPR (RCON<15>)
Trap Conflict Event
POR
IOPUWR (RCON<14>)
Illegal Opcode or Uninitialized W Register Access
POR
CM (RCON<9>)
Configuration Mismatch Reset
POR
EXTR (RCON<7>)
MCLR Reset
POR
SWR (RCON<6>)
RESET
Instruction
POR
WDTO (RCON<4>)
WDT Time-out
PWRSAV
Instruction, POR
SLEEP (RCON<3>)
PWRSAV #SLEEP
Instruction
POR
IDLE (RCON<2>)
PWRSAV #IDLE
Instruction
POR
BOR (RCON<1>)
POR, BOR
—
POR (RCON<0>)
POR
—
DPSLP (RCON<10>)
PWRSAV #SLEEP
instruction with DSCON <DSEN> set
POR
Note:
All Reset flag bits may be set or cleared by the user software.
REGISTER 7-1:
RCON: RESET CONTROL REGISTER(1) (CONTINUED)
Note 1:
All of the Reset status bits may be set or cleared in software. Setting one of these bits in software does not
cause a device Reset.
2:
If the FWDTEN Configuration bit is ‘1’ (unprogrammed), the WDT is always enabled, regardless of the
SWDTEN bit setting.
Reset Type
Clock Source Determinant
POR
FNOSC Configuration bits
(FNOSC<10:8>)
BOR
MCLR
COSC Control bits
(OSCCON<14:12>)
WDTO
SWR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com