Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24F16KA101-I/SP Datasheet(PDF) 80 Page - Microchip Technology

Part # PIC24F16KA101-I/SP
Description  20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA101-I/SP Datasheet(HTML) 80 Page - Microchip Technology

Back Button PIC24F16KA101-I/SP Datasheet HTML 76Page - Microchip Technology PIC24F16KA101-I/SP Datasheet HTML 77Page - Microchip Technology PIC24F16KA101-I/SP Datasheet HTML 78Page - Microchip Technology PIC24F16KA101-I/SP Datasheet HTML 79Page - Microchip Technology PIC24F16KA101-I/SP Datasheet HTML 80Page - Microchip Technology PIC24F16KA101-I/SP Datasheet HTML 81Page - Microchip Technology PIC24F16KA101-I/SP Datasheet HTML 82Page - Microchip Technology PIC24F16KA101-I/SP Datasheet HTML 83Page - Microchip Technology PIC24F16KA101-I/SP Datasheet HTML 84Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 254 page
background image
PIC24F16KA102 FAMILY
DS39927B-page 78
Preliminary
© 2009 Microchip Technology Inc.
REGISTER 8-12:
IEC4: INTERRUPT ENABLE CONTROL REGISTER 4
U-0
U-0
R/W-0
U-0
U-0
U-0
U-0
R/W-0
—
—CTMUIE
—
—
—
—HLVDIE
bit 15
bit 8
U-0
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
U-0
—
—
—
—
CRCIE
U2ERIE
U1ERIE
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-14
Unimplemented:
Read as ‘0’
bit 13
CTMUIE:
CTMU Interrupt Enable bit
1
= Interrupt request enabled
0
= Interrupt request not enabled
bit 12-9
Unimplemented:
Read as ‘0’
bit 8
HLVDIE:
High/Low-Voltage Detect Interrupt Enable bit
1
= Interrupt request enabled
0
= Interrupt request not enabled
bit 7-4
Unimplemented:
Read as ‘0’
bit 3
CRCIE:
CRC Generator Interrupt Enable bit
1
= Interrupt request enabled
0
= Interrupt request not enabled
bit 2
U2ERIE:
UART2 Error Interrupt Enable bit
1
= Interrupt request enabled
0
= Interrupt request not enabled
bit 1
U1ERIE:
UART1 Error Interrupt Enable bit
1
= Interrupt request enabled
0
= Interrupt request not enabled
bit 0
Unimplemented:
Read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com