Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24F16KA102-I/SP Datasheet(PDF) 17 Page - Microchip Technology

Part # PIC24F16KA102-I/SP
Description  20/28-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F16KA102-I/SP Datasheet(HTML) 17 Page - Microchip Technology

Back Button PIC24F16KA102-I/SP Datasheet HTML 13Page - Microchip Technology PIC24F16KA102-I/SP Datasheet HTML 14Page - Microchip Technology PIC24F16KA102-I/SP Datasheet HTML 15Page - Microchip Technology PIC24F16KA102-I/SP Datasheet HTML 16Page - Microchip Technology PIC24F16KA102-I/SP Datasheet HTML 17Page - Microchip Technology PIC24F16KA102-I/SP Datasheet HTML 18Page - Microchip Technology PIC24F16KA102-I/SP Datasheet HTML 19Page - Microchip Technology PIC24F16KA102-I/SP Datasheet HTML 20Page - Microchip Technology PIC24F16KA102-I/SP Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 254 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS39927B-page 15
PIC24F16KA102 FAMILY
2.0
GUIDELINES FOR GETTING
STARTED WITH 16-BIT
MICROCONTROLLERS
2.1
Basic Connection Requirements
Getting started with the PIC24F16KA102 family of
16-bit microcontrollers requires attention to a minimal
set of device pin connections before proceeding with
development.
The following pins must always be connected:
•All VDD and VSS pins
(see Section 2.2 “Power Supply Pins”)
•All AVDD and AVSS pins, regardless of whether or
not the analog device features are used
(see Section 2.2 “Power Supply Pins”)
•MCLR pin
(see Section 2.3 “Master Clear (MCLR) Pin”)
• ENVREG/DISVREG and VCAP/VDDCORE pins
(PIC24FJ devices only)
(see Section 2.4 “Voltage Regulator Pins
(ENVREG/DISVREG and VCAP/VDDCORE)”
)
These pins must also be connected if they are being
used in the end application:
• PGECx/PGEDx pins used for In-Circuit Serial
Programming™ (ICSP™) and debugging purposes
(see Section 2.5 “ICSP Pins”)
• OSCI and OSCO pins when an external oscillator
source is used
(see Section 2.6 “External Oscillator Pins”)
Additionally, the following pins may be required:
•VREF+/VREF- pins used when external voltage
reference for analog modules is implemented
The minimum mandatory connections are shown in
Figure 2-1.
FIGURE 2-1:
RECOMMENDED
MINIMUM CONNECTIONS
Note:
The AVDD and AVSS pins must always be
connected, regardless of whether any of
the analog modules are being used.
PIC24FXXXX
VDD
VSS
VSS
VDD
C1
R1
VDD
MCLR
VCAP/VDDCORE
R2
(EN/DIS)VREG
(1)
C7
C2(2)
C3(2)
C4(2)
C5(2)
C6(2)
Key (all values are recommendations):
C1 through C6: 0.1
μF, 20V ceramic
C7: 10
μF, 16V tantalum or ceramic
R1: 10 kΩ
R2: 100Ω to 470Ω
Note
1:
See Section 2.4 “Voltage Regulator Pins
(ENVREG/DISVREG and VCAP/VDDCORE)”
for explanation of ENVREG/DISVREG pin
connections.
2:
The example shown is for a PIC24F device
with five VDD/VSS and AVDD/AVSS pairs.
Other devices may have more or less pairs;
adjust the number of decoupling capacitors
appropriately.
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com