Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F722-E/SS Datasheet(PDF) 56 Page - Microchip Technology

Part # PIC16F722-E/SS
Description  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F722-E/SS Datasheet(HTML) 56 Page - Microchip Technology

Back Button PIC16F722-E/SS Datasheet HTML 52Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 53Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 54Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 55Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 56Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 57Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 58Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 59Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 302 page
background image
PIC16F72X/PIC16LF72X
DS41341E-page 56
© 2009 Microchip Technology Inc.
6.2.2
PIN DESCRIPTIONS AND
DIAGRAMS
Each PORTA pin is multiplexed with other functions. The
pins and their combined functions are briefly described
here. For specific information about individual functions
such as the A/D Converter (ADC), refer to the
appropriate section in this data sheet.
6.2.2.1
RA0/AN0/SS/VCAP
Figure 6-1 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• a general purpose I/O
• an analog input for the ADC
• a slave select input for the SSP(1)
• a Voltage Regulator Capacitor pin (PIC16F72X
only)
6.2.2.2
RA1/AN1
Figure 6-2 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• a general purpose I/O
• an analog input for the ADC
6.2.2.3
RA2/AN2
Figure 6-2 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• a general purpose I/O
• an analog input for the ADC
6.2.2.4
RA3/AN3/VREF
Figure 6-2 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• a general purpose I/O
• an analog input for the ADC
• a voltage reference input for the ADC
6.2.2.5
RA4/CPS6/T0CKI
Figure 6-3 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• a general purpose I/O
• a capacitive sensing input
• a clock input for Timer0
The Timer0 clock input function works independently
of any TRIS register setting. Effectively, if TRISA4 = 0,
the PORTA4 register bit will output to the pad and
Clock Timer0 at the same time.
6.2.2.6
RA5/AN4/CPS7/SS/VCAP
Figure 6-4 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• a general purpose I/O
• an analog input for the ADC
• a capacitive sensing input
• a slave select input for the SSP(1)
• a Voltage Regulator Capacitor pin (PIC16F72X
only)
6.2.2.7
RA6/OSC2/CLKOUT/VCAP
Figure 6-5 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• a general purpose I/O
• a crystal/resonator connection
• a clock output
• a Voltage Regulator Capacitor pin (PIC16F72X
only)
6.2.2.8
RA7/OSC1/CLKIN
Figure 6-6 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• a general purpose I/O
• a crystal/resonator connection
• a clock input
Note 1: SS pin location may be selected as RA5
or RA0.
Note 1: SS pin location may be selected as RA5
or RA0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com