Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F722-E/SS Datasheet(PDF) 65 Page - Microchip Technology

Part # PIC16F722-E/SS
Description  28/40/44-Pin Flash Microcontrollers with nanoWatt XLP Technology
PDF  302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F722-E/SS Datasheet(HTML) 65 Page - Microchip Technology

Back Button PIC16F722-E/SS Datasheet HTML 61Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 62Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 63Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 64Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 65Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 66Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 67Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 68Page - Microchip Technology PIC16F722-E/SS Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 302 page
background image
© 2009 Microchip Technology Inc.
DS41341E-page 65
PIC16F72X/PIC16LF72X
6.3.4
PIN DESCRIPTIONS AND
DIAGRAMS
Each PORTB pin is multiplexed with other functions. The
pins and their combined functions are briefly described
here. For specific information about individual functions
such as the SSP, I2C or interrupts, refer to the appropriate
section in this data sheet.
6.3.4.1
RB0/AN12/CPS0/INT
Figure 6-7 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• a general purpose I/O
• an analog input for the ADC
• a capacitive sensing input
• an external edge triggered interrupt
6.3.4.2
RB1/AN10/CPS1
Figure 6-8 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• a general purpose I/O
• an analog input for the ADC
• a capacitive sensing input
6.3.4.3
RB2/AN8/CPS2
Figure 6-8 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• a general purpose I/O
• an analog input for the ADC
• a capacitive sensing input
6.3.4.4
RB3/AN9/CPS3/CCP2
Figure 6-9 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• a general purpose I/O
• an analog input for the ADC
• a capacitive sensing input
• a Capture 2 input, Compare 2 output, and PWM2
output
6.3.4.5
RB4/AN11/CPS4
Figure 6-8 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• a general purpose I/O
• an analog input for the ADC
• a capacitive sensing input
6.3.4.6
RB5/AN13/CPS5/T1G
Figure 6-10 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• a general purpose I/O
• an analog input for the ADC
• a capacitive sensing input
• a Timer1 gate input
6.3.4.7
RB6/ICSPCLK
Figure 6-11 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• a general purpose I/O
• In-Circuit Serial Programming clock
6.3.4.8
RB7/ICSPDAT
Figure 6-12 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• a general purpose I/O
• In-Circuit Serial Programming data
Note:
CCP2 pin location may be selected as
RB3 or RC1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com