Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7312 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMP7312
Description  Precision SPI-Programmable AFE with Differential/Single-Ended Input/Output
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP7312 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMP7312 Datasheet HTML 1Page - National Semiconductor (TI) LMP7312 Datasheet HTML 2Page - National Semiconductor (TI) LMP7312 Datasheet HTML 3Page - National Semiconductor (TI) LMP7312 Datasheet HTML 4Page - National Semiconductor (TI) LMP7312 Datasheet HTML 5Page - National Semiconductor (TI) LMP7312 Datasheet HTML 6Page - National Semiconductor (TI) LMP7312 Datasheet HTML 7Page - National Semiconductor (TI) LMP7312 Datasheet HTML 8Page - National Semiconductor (TI) LMP7312 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Rating (Note 2)
Human Body Model
2000V
Machine Body Model
150V
Charge device Model
1000V
Analog Supply Voltage (V
S = V
+ - V-)
6V
DigitaI Supply Voltage (V
DIO=VIO-V
-)
6V
Attenuation pins -V
IN, +VIN referred to V
-
±17.5V
Amplification pins -IN, +IN referred to V-
±10V
Voltage at all other pins referred to V-
6V
Storage Temperature Range
-65°C to 150°C
For soldering specification:
 see product folder at www.national.com and
 www.national.com/ms/MS/MS-SOLDERING.pdf
Junction Temperature
150°C
Operating Ratings (Note 1)
Analog Supply Voltage (V
S = V
+ – V-), V-
=0V
4.5V to 5.5V
Digital Supply Voltage (V
DIO = VIO– V
-),
V-=0V
2.7V to 5.5V
Attenuation pins -V
IN, +VIN referred to V
-
-15V to 15V
Amplification pins -IN, +IN referred to V-
-2.35V to 7.35V
Temperature Range (Note 3)
−40°C to 125°C
Package Thermal Resistance (Note 3)
SOIC-14
145°C/W
5V Electrical Characteristics (Note 4)
Unless otherwise specified, all limits guaranteed for T
A = 25°C, V
+ = 5V, V
IO = 5V, V
− = 0V, G = 0.192 V/V,
V
CM_ATT=(+VIN+(-VIN))/2, VCM_AMP=(+IN+(-IN))/2. Differential output configuration. SE = Single Ended Output,
DE = Differential Output. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
V
OS
Core op-amp Input
Offset Voltage
Nulling Switch Mode, DE, V
OCM = 1V;
Nulling switch Mode, SE, -V
OUT/VR = 1V
–100
–250
100
250
µV
Nulling Switch Mode, DE, V
OCM = 4V;
Nulling Switch Mode, SE, -V
OUT/VR = 4V
–100
–250
100
250
TCV
OS
Core op-amp Input
Offset Voltage
(Note 7)
Nulling Switch Mode, DE, V
OCM = 1V;
Nulling Switch Mode, SE, -V
OUT/VR = 1V
-3
±1.5
3
µV/°C
Nulling Switch Mode, DE, V
OCM = 4V;
Nulling Switch Mode, SE, -V
OUT/VR = 4V
-3
±1.5
3
Av
Gain Error
All gains, R
L = 10 kΩ, CL = 50pF, SE / DE
–0.035
–0.045
0.035
0.045
%
Gain Drift
SE / DE
-5
±1
5
ppm/°C
e
n
Core op-amp Voltage
Noise Density
RTI, Nulling Switch Mode, f = 10 kHz
7.25
nV/
Core op-amp Peak to
Peak Voltage Noise
RTI, Nulling Switch Mode, f= 0.1Hz to 10Hz
3
µV
PP
I
VA
Analog Supply Current +V
IN = −VIN = VOCM
2
mA
I
VIO
Digital Supply Current Without any load connected to SDO pin
120
μA
R
IN_CM
CM Input Resistance
G= 0.192 V/V
62.08
k
Ω
G= 1 V/V
40
R
IN_DIFF
Differential Input
Resistance
G= 0.192 V/V
248.3
k
Ω
G= 1 V/V
160
CMRR
DC Common Mode
Rejection Ratio
G= 0.096V/V, -15V < V
CM_ATT < 15V, SE / DE
80
77
dB
G= 0.192V/V, -11.4V < V
CM_ATT < 15V, SE / DE
G= 0.384V/V, -6V < V
CM_ATT < 11V, SE / DE
G= 0.768V/V, -3V < V
CM_ATT < 8V, SE / DE
G= 1V/V, -2.3V < V
CM_AMP < 7.3V, SE / DE
G= 2V/V, -1.15V < V
CM_AMP < 6.15V, SE / DE.
PSRR
Core op-amp DC
Power Supply
Rejection Ratio
Nulling Switch Mode, 4.5V <V+ <5.5V
90
dB
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com