Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP7312 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMP7312
Description  Precision SPI-Programmable AFE with Differential/Single-Ended Input/Output
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP7312 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LMP7312 Datasheet HTML 9Page - National Semiconductor (TI) LMP7312 Datasheet HTML 10Page - National Semiconductor (TI) LMP7312 Datasheet HTML 11Page - National Semiconductor (TI) LMP7312 Datasheet HTML 12Page - National Semiconductor (TI) LMP7312 Datasheet HTML 13Page - National Semiconductor (TI) LMP7312 Datasheet HTML 14Page - National Semiconductor (TI) LMP7312 Datasheet HTML 15Page - National Semiconductor (TI) LMP7312 Datasheet HTML 16Page - National Semiconductor (TI) LMP7312 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Application Section
GENERAL DESCRIPTION
The LMP7312 is a single supply programmable gain differ-
ence amplifier with two input pairs: Attenuation pair (-V
IN,
+V
IN) and Amplification pair (-IN, +IN). The output can be
configured in both single-ended and differential modes with
the output common mode voltage set by the user. The input
selection, the gains and the mode of operation of the
LMP7312 are controlled through a 4- wire SPI interface (SCK,
CS, SDI, SDO). These features combined make the
LMP7312 a very easy interface between the analog high volt-
age industrial buses and the low voltage digital converters.
OUTPUT MODE CONFIGURATION
The LMP7312 is able to work in both single ended and differ-
ential output mode. The selection of the mode is made
through the V
OCM (output common mode voltage) pin.
Differential Output
This mode of operation is enabled when the output common
mode voltage pin (V
OCM) is connected to a voltage higher than
1V, for instance the common mode voltage supplied by an
ADC, (Figure 1) or a voltage reference. If the V
OCM pin is
floating an internal voltage divider biases it at the half supply
voltage. In this configuration the output signals are set on the
V
OCM voltage level.
Single-Ended Output
This mode of operation is enabled when the V
OCM pin is tied
to a voltage less than 0.5 V, for example to ground. In this
mode of operation the LMP7312 behaves as a difference am-
plifier, where the +V
OUT pin is the single-ended output while
the –V
OUT /VR is the reference voltage.
1.
In the case of bipolar input signal the non inverting output
will be connected to an external reference through a
buffer (Figure 2).
2.
In the case of unipolar input signal the non inverting
output will be connected to ground (Figure 3).
In both cases the inverting output pin is configured as an input
pin.
30075503
FIGURE 1. Differential ADC Interfacing with V
CM provided by the ADC
13
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com